Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


P561-100-HD Datasheet(Fiches technique) 1 Page - Tripp Lite. All Rights Reserved

Numéro de pièce P561-100-HD
Description  DVI High Definition Single Link Digital TMDS Monitor Cable (DVI-D M/M), 100-ft.
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo 

   
 1 page
background image
Specifications
In most applications, a signal booster (Model Number: B120-000-SL) should be used with this cable to
ensure a signal strong enough for your display. An alternate, more cost effective solution is to use a Tripp
Lite DVI over Cat5 Extender (Model Number: B140-101X) in place of a 100 ft. DVI cable and signal
booster.
DVI High Definition Single Link Digital TMDS
Monitor Cable (DVI-D M/M), 100-ft.
MODEL NUMBER: P561-100-HD
Description
Tripp Lite's 100 ft, High Definition DVI Single Link TMDS cable delivers the high performance and high
bandwidth needed for today's digital video displays. 24AWG wire and gold-plated contacts ensure
excellent conductivity, while double shielding (foil and braid) provides maximum EMI/RFI protection. Use
in conjunction with DVI video cards that are specified as single Link. Both DVI connectors are molded,
have integral strain relief for long life reliability, and ferrite collars to drain off extraneous electrical
interference. In most applications, a signal booster (B120-000-SL) will need to be used with this cable to
ensure a signal strong enough for your display.
Features
24AWG High Definition Cable
q
Superior molded cables with foil/braid shielding for maximum EMI/RFI protection
q
Dual Link digital signalling for transmission speeds to 9.9Gbps
q
Meets DVI DDWG Standard
q
PC and Mac compatible
q
For use with Digital CRT displays, Flat Panel Displays, HDTV and Projector
q
In most applications, a signal booster (B120-000-SL) will need to be used with this cable to ensure a
signal strong enough for your display.
q
Highlights
24AWG High Definition Cable
q
For use with Single TMDS Link
specified video cards
q
Compatible with Flat Panel
Displays, Digital CRT Displays
and Projectors
q
Provides bandwidth for
resolutions up to 1920 x 1200
q
High Speed Digital
Transmission to 9.9Gbps
q
Superior molded cables with
foil/braid shielding for maximum
EMI/RFI protection
q
System Requirements
DVI monitor and computer
q
Package Includes
100-ft. DVI High Definition
Single Link TMDS Cable (DVI-D
M/M)
q
1 / 2




Html Pages

1  2 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl