Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


P561-100-EZ Datasheet(Fiches technique) 1 Page - Tripp Lite. All Rights Reserved

Numéro de pièce P561-100-EZ
Description  DVI Single Link Easy Pull Digital TMDS Monitor Cable (DVI-D M/M), 100-ft.
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo 

   
 1 page
background image
In most applications, a signal booster (Model Number: B120-000-SL) should be used with this cable to
ensure a signal strong enough for your display. An alternate solution is to use a Tripp Lite DVI over Cat5
Extender (Model Number: B140-101X) in place of a 100 ft. DVI cable and signal booster.
DVI Single Link Easy Pull Digital TMDS Monitor
Cable (DVI-D M/M), 100-ft.
MODEL NUMBER: P561-100-EZ
Description
Tripp Lite's 100 ft. DVI-D Single Link Easy Pull All-in-One Monitor Cable makes running long length video
cables a snap. The pull-apart design allows the cable to be run through conduit or other tight areas that a
DVI connector wouldn't fit through. Diameter of the circular DIN end is only 7/8". Circular Easy Pull
connector is threaded to ensure maximum security once the cable is reattached. Use in conjunction with
DVI video cards that are specified as Single Link. DVI connectors are molded, have integral strain relief
for long life reliability, and a ferrite collar to drain off extraneous electrical interference. The P561-100-HD
is constructed using 24AWG wire for optimal performance. In most applications, a signal booster (B120-
000-SL) will need to be used with this cable to ensure a signal strong enough for your display.
Features
Two-piece design runs through conduit or other tight areas
q
Threaded circular DIN connector provides secure reattachment
q
For use with Single Link TMDS specified equipment
q
Compatible with Flat Panel Displays, Digital CRT Displays and Projectors
q
High Speed Digital Transmission to 9.9Gbps
q
Superior molded cables with foil/braid shielding for maximum EMI/RFI protection
q
Constructed using 24AWG wire for optimal performance
q
In most applications, a signal booster (B120-000-SL) will need to be used with this cable to ensure a
signal strong enough for your display
q
Highlights
Two-piece design runs through
conduit or other tight areas
q
Threaded circular DIN connector
provides secure reattachment
q
High Speed Digital
Transmission to 9.9Gbps
q
Superior molded cables with
foil/braid shielding for maximum
EMI/RFI protection
q
Contstructed using 24AWG wire
for optimal performance
q
Package Includes
100-ft. Easy Pull All-in-One DVI
Single Link Cable (DVI-D M/M)
q
1 / 2




Html Pages

1  2 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl