Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


P561-050 Datasheet(Fiches technique) 1 Page - Tripp Lite. All Rights Reserved

Numéro de pièce P561-050
Description  DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 50-ft.
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo 

   
 1 page
background image
Specifications
In most applications, a signal booster (Model Number: B120-000-SL) should be used with this cable to
ensure a signal strong enough for your display. An alternate solution is to use a Tripp Lite DVI over Cat5
Extender (Model Number: B140-101X) in place of a 50 ft. DVI cable and signal booster.
DVI Single Link Cable, Digital TMDS Monitor
Cable (DVI-D M/M), 50-ft.
MODEL NUMBER: P561-050
Description
Tripp Lite's 50-ft. DVI Single Link TMDS cable delivers the high performance, high bandwidth needed for
today's digital video displays. Gold plated contacts ensure excellent conductivity, while double shielding
(foil and braid) provides maximum EMI/RFI protection. Use in conjunction with DVI video cards that are
specified as Single Link. Both DVI connectors are molded, have integral strain relief for long life reliability,
and ferrite collars to drain off extraneous electrical interference. In most applications, a signal booster
(B120-000-SL) will need to be used with this cable to ensure a signal strong enough for your display.
Features
For use with Single Link TMDS specified equipment
q
Compatible with Flat Panel Displays, Digital CRT Displays and Projectors
q
Provides bandwidth for resolutions up to 1920 x 1200
q
High Speed Digital Transmission to 9.9Gbps
q
Superior molded cables with foil/braid shielding for maximum EMI/RFI protection
q
In most applications, a signal booster (B120-000-SL) will need to be used with this cable to ensure a
signal strong enough for your display
q
Highlights
For use with Single Link TMDS
specified equipment
q
Compatible with Flat Panel
Displays, Digital CRT Displays
and Projectors
q
Provides bandwidth for
resolutions up to 1920 x 1200
q
High Speed Digital
Transmission to 9.9Gbps
q
Superior molded cables with
foil/braid shielding for maximum
EMI/RFI protection
q
System Requirements
DVI monitor and computer
q
Package Includes
50-ft. DVI Single Link TMDS
Cable (DVI-D M/M)
q
OVERVIEW
UPC Code
037332130877
1 / 2




Html Pages

1  2 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl