Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


P561-020 Datasheet(Fiches technique) 2 Page - Tripp Lite. All Rights Reserved

Numéro de pièce P561-020
Description  DVI-D Single-Link Digital TMDS Monitor Cable (DVI-D to DVI-D M/M), 1920 x 1200 (1080p), 20 ft.
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo 

   
 2 page
background image
Specifications
Premium Construction for Premium Signal Quality
Foil and braid shielding reduces hazardous EMI/RFI line noise
q
Molded connectors with gold-plated contacts for maximum conductivity
q
Integral strain relief reduces stress and adds flexibility
q
Ferrite collars drain extraneous electrical interference
q
OVERVIEW
UPC Code
037332203557
INPUT
Cable Length (ft.)
20
Cable Length (m)
6.1
PHYSICAL
Wire Gauge (AWG)
30
Wire Gauge (OD - mm²)
30
Shipping Dimensions (hwd / in.)
12.00 x 10.00 x 0.50
Shipping Dimensions (hwd / cm)
30.48 x 25.40 x 1.27
Shipping Weight (lbs.)
0.57
Shipping Weight (kg)
0.26
Color
Black
ENVIRONMENTAL
Operating Temperature Range
14 TO 167 F (-10 TO 75 C)
Storage Temperature Range
-4 TO 176 F (-20 TO 80 C)
CONNECTIONS
Side A - Connector 1
DVI-D SINGLE LINK (MALE)
Side B - Connector 1
DVI-D SINGLE LINK (MALE)
FEATURES & SPECIFICATIONS
Technology
DVI
WARRANTY
2 / 3




Html Pages

1  2  3 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl