Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


P561-010 Datasheet(Fiches technique) 1 Page - Tripp Lite. All Rights Reserved

Numéro de pièce P561-010
Description  DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo 

   
 1 page
background image
Specifications
DVI Single Link Cable, Digital TMDS Monitor
Cable (DVI-D M/M), 10-ft.
MODEL NUMBER: P561-010
Description
Tripp Lite's 10 foot DVI Single Link TMDS cable delivers the high performance, high bandwidth needed for
today's digital video displays. Gold plated contacts ensure excellent conductivity, while double shielding
(foil and braid) provides maximum EMI/RFI protection. Both DVI connectors are molded and have integral
strain relief for long life reliability.
Features
Superior molded cables with foil/braid shielding for maximum EMI/RFI protection
q
Single Link digital signaling for transmission speeds to 4.95Gbps and 1920 x 1200 resolution
q
Gold plated copper contacts ensure excellent conductivity
q
Meets DVI DDWG Standard
q
PC and Mac compatible
q
For use with Digital CRT displays, Flat Panel Displays, HDTV and Projectors
q
Highlights
Superior molded cables with
foil/braid shielding for maximum
EMI/RFI protection
q
Compatible with Flat Panel
Displays, Digital CRT Displays
and Projectors
q
Resolutions up to 1920 x 1200
q
High Speed Digital
Transmission to 4.95Gbps
q
System Requirements
Monitor with DVI, and CPU with
Single Link DVI capabilities
q
Package Includes
DVI Single Link TMDS cable -
DVI-D, M/M, 10'
q
OVERVIEW
UPC Code
037332120113
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.1
PHYSICAL
1 / 2




Html Pages

1  2 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl