Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SMA-KIT-1.3MF Datasheet(Fiches technique) 1 Page - Crystek Corporation

Numéro de pièce SMA-KIT-1.3MF
Description  1.305 SMA Housing
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CRYSTEKCRYSTAL [Crystek Corporation]
Site Internet  http://www.crystekcrystals.com/crystal/default.asp
Logo 

   
 1 page
background image
1
Side
View
Top
View
1.305" SMA Housing
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
Bottom
View
SMA
Male
SMA
Female
0.373
(9.47)
0.373
(9.47)
A
A
Tooling Dimple, 2 Locations, Diameter 0.055 in (1.40 mm), Depth 0.055 in (1.40 mm)
Provides a cavity for dimpling the sleeve with a center punch. The mechanical contact also
provides an electrical contact and shields the internal circuitry in the body.
No.
Description
Qty
Material
Plating
1
2
Body
Center Pin
1
2
Brass
Brass
Nickel
Gold
A
0.165
(4.19)
0.165
(4.19)
0.027
(0.69)
0.027
(0.69)
A
0.275
(6.98)
1.305
(33.15)
2
2
0.425 ±0.001
(10.80 ±0.02)
0.608 ±0.001
(15.44 ±0.02)
Body
Sleeve
0.378 ±0.001
(9.60 ±0.02)
1
0.033
(0.84)
1
0.050
(1.27)
1
0.353
(8.97)
SMA-KIT-1.3MF
Rev. B




Html Pages

1 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl