Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


RL-9710-150M Datasheet(Fiches technique) 2 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-9710-150M
Description  LOW PROFILE SMD POWER INDUCTOR
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

   
 2 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
395
RL-9710
Renco Part No.
RL-9710
Inductance
(µH)
DCR Max.
(Ohms)
Isat
(A)
Irms
(A)
RL-9710-1R0N
1.0 ± 30%
0.059
1.80
1.90
RL-9710-1R5N
1.5 ± 30%
0.075
1.50
1.70
RL-9710-2R2N
2.2 ± 30%
0.090
1.20
1.60
RL-9710-3R3N
3.3 ± 30%
0.120
1.05
1.45
RL-9710-4R7M
4.7 ± 20%
0.140
0.80
1.35
RL-9710-6R8M
6.8 ± 20%
0.180
0.70
1.20
RL-9710-100M
10.0 ± 20%
0.220
0.65
1.10
RL-9710-150M
15.0 ± 20%
0.310
0.53
0.93
RL-9710-220M
22.0 ± 20%
0.450
0.47
0.75
RL-9710-330M
33.0 ± 20%
0.680
0.35
0.57
RL-9710-470M
47.0 ± 20%
1.100
0.30
0.45
NOTES:
1. Isat - DC CURRENT THAT WILL CAUSE INDUCTANCE TO DROP BY 30%
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO
RISE APPROX. 40ºC ABOVE AMBIENT OF 25ºC
3. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
4. RESISTANCE TO SOLDER HEAT: 260ºC FOR 10 SECONDS
5. INDUCTANCE TESTED AT 100 kHz, 0.1Vrms




Html Pages

1  2 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl