Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


RL-8700-1-820M Datasheet(Fiches technique) 4 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-8700-1-820M
Description  SHIELDED SMD POWER INDUCTORS
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

   
 4 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
367
RL-8700-2
M = ±20%
Renco Part No.
RL-8700-2
Inductance
(µH)
DCR Max.
(Ohms)
Irms (A)
∆T = 20°C
Irms (A)
∆T = 40°C
Isat
10%
(A)
Isat
20%
(A)
SRF (MHz)
Typ.
RL-8700-2-100M
10.0
0.088
1.65
2.25
2.00
2.30
29.70
RL-8700-2-120M
12.0
0.113
1.35
1.95
1.90
2.10
26.00
RL-8700-2-150M
15.0
0.138
1.30
1.85
1.75
1.90
20.00
RL-8700-2-180M
18.0
0.150
1.25
1.75
1.65
1.85
15.70
RL-8700-2-220M
22.0
0.188
1.20
1.70
1.55
1.75
15.70
RL-8700-2-270M
27.0
0.238
1.10
1.50
1.35
1.50
12.30
RL-8700-2-330M
33.0
0.250
0.95
1.40
1.25
1.35
11.70
RL-8700-2-470M
47.0
0.375
0.90
1.30
1.00
1.15
10.50
RL-8700-2-560M
56.0
0.425
0.75
1.15
0.88
1.00
9.20
RL-8700-2-680M
68.0
0.575
0.70
0.95
0.80
0.90
7.80
RL-8700-2-820M
82.0
0.633
0.65
0.90
0.75
0.85
6.50
RL-8700-2-101M
100.0
0.738
0.62
0.85
0.65
0.75
5.60
RL-8700-2-121M
120.0
1.100
0.50
0.65
0.60
0.70
5.20
RL-8700-2-151M
150.0
1.200
0.45
0.63
0.55
0.65
5.00
RL-8700-2-181M
180.0
1.400
0.40
0.60
0.52
0.60
3.90
RL-8700-2-221M
220.0
2.160
0.37
0.55
0.51
0.55
3.90
RL-8700-2-271M
270.0
2.370
0.35
0.50
0.45
0.50
3.30
RL-8700-2-331M
330.0
2.670
0.33
0.45
0.41
0.45
3.30
RL-8700-2-391M
390.0
2.940
0.30
0.40
0.37
0.41
2.70
RL-8700-2-471M
470.0
3.680
0.27
0.37
0.34
0.37
2.70
RL-8700-2-561M
560.0
4.210
0.26
0.39
0.32
0.35
2.50
RL-8700-2-681M
680.0
5.880
0.25
0.35
0.30
0.32
2.20
RL-8700-2-821M
820.0
7.850
0.22
0.34
0.26
0.29
1.50
RL-8700-2-102M
1000.0
8.580
0.20
0.31
0.22
0.24
1.50
NOTES:
1. Isat - DC CURRENT THAT WILL CAUSE INDUCTANCE TO DROP BY PERCENTAGE SHOWN ABOVE
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO RISE BY TEMPERATURE SHOWN ABOVE
3. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
4. RESISTANCE TO SOLDER HEAT: 260ºC 10 SECONDS
5. COMPLETE WINDING TO CORE ISOLATION
6. INDUCTANCE TESTED AT 10 kHz, 0.25Vrms




Html Pages

1  2  3  4  5  6 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl