Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


RL-9400 Datasheet(Fiches technique) 1 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-9400
Description  FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS RD-184
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

   
 1 page
background image
501
RL-9400
FLYBACK TRANSFORMER
• Designed to operate up to 600 kHz
• Input voltage range: 4-6 V
• Output: +12 V/-12 V at 1.5 watts
• 500 VDC isolation
• UL Class B (130°C) insulation
• Core material: ferrite, low loss
• Bobbin: phenolic PM9630
• Terminations: SnCu over phosphor bronze
• Moisture sensitivity level: 1
• Resistance to solder heat: 10 seconds at 260°C
FEATURES
ENVIRONMENTAL DATA
• Storage temperature range:
-55°C to +130°C
• Operating ambient temperature range:
-40°C to +85°C
PACKAGING INFORMATION
• 750 pieces per 13” reel
Plastic Tape: 24 mm wide, 0.5 mm thick
12 mm pocket spacing, 5.8 mm pocket depth
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
TOP VIEW
SIDE VIEW
RECOMMENDED
LAND PATTERN
ELECTRICAL SPECIFICATIONS
(LM5001)
SCHEMATIC
0.004
(0.10mm)
INDICATES PIN #1
INDUCTANCE L (1-3) =22.0μH±5%
LEAKAGE INDUCTANCE Le (1-3) =200nH MAX
SHORT PINS: 4, 5, 6
DC RESISTANCE (OHMS) MAX
DCR (1-3) =0.265
(6-5) =2.10
(5-4) =2.10
HIPOT: APPLY 500 VDC FOR 2 SECS
BETWEEN PINS 1 TO 4
TURNS RATIO:
PRIM: SEC: SEC=1.0:3.2:3.2
PART NUMBER
A (MAX.)
B (MAX.)
C
D (MAX.)
E (REF.)
F (MAX.)
RL-9400
0.275 (6.98)
0.023 (0.60)
0.072 (1.85)
0.225 (5.71)
0.259 (6.60)
0.325 (8.25)
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART WEIGHT
0.74g (0.026oz)
G
H
I
J
K
0.043 (1.09)
0.343 (8.71)
0.072 (1.85)
0.061 (1.56)
0.219 (5.56)
DESCRIPTION
• Flyback Transformer
NOTES:
1. INDUCTANCE AND LEAKAGE INDUCTANCE TESTED AT 600 kHz/0.1VAC
2. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
FOR TEXAS INSTRUMENTS RD-184
(FORMALLY NATIONAL SEMICONDUCTOR)




Html Pages

1 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl