Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


RL-8800 Datasheet(Fiches technique) 1 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-8800
Description  FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS RD-171
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

   
 1 page
background image
500
RL-8800
FLYBACK TRANSFORMER
• Designed to operate up to 600 kHz
• Input voltage range: 8-36 V
• Output: +5 V/-5 V at 2.5 watts
• 500 VDC isolation
• UL Class B (130°C) Insulation
• Core material: ferrite, low loss
• Bobbin: phenolic PM9630
• Terminations: SnCu over phosphor bronze
• Moisture sensitivity level: 1
• Resistance to solder heat: 10 seconds at 260°C
FEATURES
ENVIRONMENTAL DATA
• Storage temperature range:
-55°C to +130°C
• Operating ambient temperature range:
-40°C to +85°C
PACKAGING INFORMATION
• 750 pieces per 13” reel
Plastic Tape: 24 mm wide, 0.5 mm thick
12 mm pocket spacing, 5.8 mm pocket depth
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
TOP VIEW
SIDE VIEW
RECOMMENDED
LAND PATTERN
ELECTRICAL SPECIFICATIONS
A
B
C
RL-8800
YYWW
RENCO
(LM5001)
H
G
J
K
I
SCHEMATIC
1
3
6
5
4
3
4
F
E
D
0.004
(0.10mm)
INDICATES PIN #1
INDUCTANCE L (1-3) =26.0μH±5%1
LEAKAGE INDUCTANCE Le (1-3) =1.0μH MAX1
SHORT PINS: 4, 5, 6
DC RESISTANCE (OHMS) MAX
DCR (1-3) =0.21
(6-5) =0.19
(5-4) =0.19
HIPOT: APPLY 500 VDC FOR 2 SECS
BETWEEN PINS 1 TO 4
TURNS RATIO:
PRI: SEC: SEC=1:0.54:0.54
PART NUMBER
A (MAX.)
B (MAX.)
C
D (MAX.)
E (REF.)
F (MAX.)
RL-8800
0.275 (6.98)
0.023 (0.60)
0.072 (1.85)
0.225 (5.71)
0.259 (6.60)
0.325 (8.25)
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART WEIGHT
0.74g (0.026oz)
G
H
I
J
K
0.043 (1.09)
0.343 (8.71)
0.072 (1.85)
0.061 (1.56)
0.219 (5.56)
DESCRIPTION
• Flyback Transformer
NOTES:
1. INDUCTANCE AND LEAKAGE INDUCTANCE TESTED AT 600 kHz/0.1VAC
2. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
FOR TEXAS INSTRUMENTS RD-171
(FORMALLY NATIONAL SEMICONDUCTOR)




Html Pages

1 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl