Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


RL-8500-2-47 Datasheet(Fiches technique) 1 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-8500-2-47
Description  SMD HIGH CURRENT TOROID INDUCTORS
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

   
 1 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
RL-8500
SMD HIGH CURRENT
TOROID INDUCTORS
• Low cost
• Low EMI
• Low core loss
• High current capacity
• DC-DC converters
• Power factor correction inductor
• Differential mode chokes
• EMI/RFI filter applications
FEATURES & APPLICATIONS
DESCRIPTION
• SMD Toroid Inductors
ENVIRONMENTAL DATA
• Storage temperature range:
-55°C to +130°C
• Operating temperature range:
-40°C to +130°C
PACKAGING INFORMATION
• Packaging information: pg. 495
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
TOP VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART NUMBER PART WEIGHT
RL-8500-1
16.0g (0.56oz)
RL-8500-2
29.0g (1.02oz)
PART NUMBER
A (MAX.)
B (MAX.)
C (MAX.)
D (REF.)
E (REF.)
F (REF.)
RL-8500-1
1.22 (30.99)
1.00 (25.40)
See Table
0.90 (22.86)
0.70 (17.78)
0.20 (5.08)
RL-8500-2
1.22 (30.99)
1.00 (25.40)
See Table
0.90 (22.86)
0.70 (17.78)
0.20 (5.08)
A
B
C
D
E
F
ST
FN
SCHEMATIC




Html Pages

1  2  3 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl