Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


19-21-S2C-AL2M2VY-3T Datasheet(Fiches technique) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numéro de pièce 19-21-S2C-AL2M2VY-3T
Description  0603 Package Chip LED (0.8mm Height)
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo 

 
 3 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-21/S2C-AL2M2VY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 3 of 10
Device No. : SZDSE-191-S05
Prepared date: 23-Mar-2005
Prepared by: Zhang huali
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
60
mA
Soldering Temperature
Tsol
Reflow Soldering : 260℃ for 10sec.
Hand Soldering : 350℃ for 3 sec..
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
14.5
-----
28.5
mcd
Viewing Angle
2θ1/2
----
100
----
deg
Peak Wavelength
λp
----
611
----
nm
Dominant
Wavelength
λd
600.5
----
612.5
nm
Spectrum Radiation
Bandwidth
△λ
----
17
----
nm
Forward Voltage
VF
1.70
-----
2.20
V
IF =5mA
Reverse Current
IR
----
----
10
μA
VR =5V
Notes:
1.Tolerance of Luminous Intensity: ±10%
2.Tolerance of Dominant Wavelength: ±1nm
3.Tolerance of Forward Voltage: ±0.05V




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl