Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

19-21-R7C-AN2Q1B-3T Fiches technique(PDF) 8 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No de pièce 19-21-R7C-AN2Q1B-3T
Description  Package in 8mm tape on 7?엀iameter reel.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

19-21-R7C-AN2Q1B-3T Fiches technique(HTML) 8 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  19-21-R7C-AN2Q1B-3T Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R7C-AN2Q1B-3T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R7C-AN2Q1B-3T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R7C-AN2Q1B-3T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R7C-AN2Q1B-3T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R7C-AN2Q1B-3T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R7C-AN2Q1B-3T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R7C-AN2Q1B-3T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-21-R7C-AN2Q1B-3T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DATASHEET
SMD  REFLECTOR
19-21/R7C-AN2Q1B/3T
8
Copyright © 2010, Everlight All Rights Reserved. Release Date : Apr.29.2013 Issue No: DSE-0002640
Rev.2
www.everlight.com
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30℃ or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
Pre-heating
150~200°C
60~120sec.
3°C/sec.Max.
Above 217°C
60~150sec.
260°C Max.
10sec. Max.
6°C/sec.Max.
Above255°C
30sec.Max.
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Numéro de pièce similaire - 19-21-R7C-AN2Q1B-3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
19-21-R7C-AN2Q1B-3T EVERLIGHT-19-21-R7C-AN2Q1B-3T Datasheet
157Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-R7C-AN2Q1B-3T EVERLIGHT-19-21-R7C-AN2Q1B-3T Datasheet
305Kb / 10P
   0603 Package Chip LED (0.8mm Height)
More results

Description similaire - 19-21-R7C-AN2Q1B-3T

FabricantNo de pièceFiches techniqueDescription
logo
HK TO-GRACE TECHNOLOGY ...
11-21-R6C-AR2S2B-2T TO-GRACE-11-21-R6C-AR2S2B-2T Datasheet
1,020Kb / 9P
   Package in 8mm tape on 7?엀iameter reel.
11-22-R6G6C-A01-2T TO-GRACE-11-22-R6G6C-A01-2T Datasheet
1Mb / 9P
   Package in 8mm tape on 7?엀iameter reel.
12-21-R8C-AN1P2B-2D TO-GRACE-12-21-R8C-AN1P2B-2D Datasheet
1,020Kb / 9P
   Package in 8mm tape on 7?엀iameter reel.
16-216-T3D-AQ1R2TY-3T TO-GRACE-16-216-T3D-AQ1R2TY-3T Datasheet
734Kb / 10P
   Package in 8mm tape on 7?엀iameter reel.
23-22B-R7G6C-A30-2T TO-GRACE-23-22B-R7G6C-A30-2T Datasheet
746Kb / 10P
   Package in 8mm tape on 7?엀iameter reel.
16-916-T1D-AP1Q2QY-3T TO-GRACE-16-916-T1D-AP1Q2QY-3T Datasheet
761Kb / 11P
   Package in 8mm tape on 7?엀iameter reel.
22-21-GHC-YR1S2-2C TO-GRACE-22-21-GHC-YR1S2-2C Datasheet
660Kb / 9P
   Package in 8mm tape on 7?엀iameter reel.
22-23-R6GHBHC-A01-2C TO-GRACE-22-23-R6GHBHC-A01-2C Datasheet
860Kb / 12P
   Package in 8mm tape on 7?엀iameter reel.
23-21C-T1D-CP2Q2TY-2A TO-GRACE-23-21C-T1D-CP2Q2TY-2A Datasheet
673Kb / 10P
   Package in 8mm tape on 7?엀iameter reel.
15-21-R6C-FQ1R1B-2T TO-GRACE-15-21-R6C-FQ1R1B-2T Datasheet
1Mb / 9P
   Package in 8mm tape on 7?엀iameter reel.
19-217-R6C-P1Q2-3T TO-GRACE-19-217-R6C-P1Q2-3T Datasheet
590Kb / 9P
   Package in 8mm tape on 7?엀iameter reel.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com