Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


RL-8500-2-1.8 Datasheet(Fiches technique) 3 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-8500-2-1.8
Description  SMD HIGH CURRENT TOROID INDUCTORS
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

   
 3 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
RL-8500-2
Renco Part No.
RL-8500-2
Inductance
(µH)
Irms
(A)
L (µH)
@ Rated Irms
DCR Max.
(Ohms)
DIM.
C Max.
RL-8500-2-1.0
1.0 ± 30%
25.4
0.72
0.0026
0.82
RL-8500-2-1.2
1.2 ± 30%
25.4
0.88
0.0030
0.82
RL-8500-2-1.5
1.5 ± 30%
22.0
1.04
0.0030
0.82
RL-8500-2-1.8
1.8 ± 30%
22.0
1.20
0.0030
0.82
RL-8500-2-2.2
2.2 ± 20%
19.7
1.44
0.0035
0.82
RL-8500-2-2.7
2.7 ± 20%
19.7
1.76
0.0045
0.82
RL-8500-2-3.3
3.3 ± 20%
18.0
2.08
0.0045
0.82
RL-8500-2-3.9
3.9 ± 20%
18.0
2.48
0.0050
0.82
RL-8500-2-4.7
4.7 ± 20%
16.6
2.96
0.0055
0.82
RL-8500-2-5.6
5.6 ± 20%
15.8
3.36
0.0055
0.82
RL-8500-2-6.8
6.8 ± 20%
14.7
4.00
0.0065
0.82
RL-8500-2-8.2
8.2 ± 20%
14.7
4.88
0.0065
0.82
RL-8500-2-10
10.0 ± 10%
13.9
6.48
0.0070
0.82
RL-8500-2-12
12.0 ± 10%
12.7
7.47
0.0080
0.82
RL-8500-2-15
15.0 ± 10%
12.2
9.18
0.0090
0.82
RL-8500-2-18
18.0 ± 10%
11.8
10.80
0.0090
0.82
RL-8500-2-22
22.0 ± 10%
11.0
12.78
0.0110
0.82
RL-8500-2-27
27.0 ± 10%
10.4
15.21
0.0120
0.82
RL-8500-2-33
33.0 ± 10%
10.1
18.27
0.0130
0.82
RL-8500-2-39
39.0 ± 10%
9.6
20.97
0.0140
0.82
RL-8500-2-47
47.0 ± 10%
8.2
26.28
0.0190
0.79
RL-8500-2-56
56.0 ± 10%
7.9
30.51
0.0210
0.79
RL-8500-2-68
68.0 ± 10%
6.7
37.98
0.0290
0.77
RL-8500-2-82
82.0 ± 10%
6.4
36.45
0.0320
0.87
RL-8500-2-100
100.0 ± 10%
6.1
52.83
0.0350
0.87
RL-8500-2-120
120.0 ± 10%
5.8
61.29
0.0390
0.87
RL-8500-2-150
150.0 ± 10%
5.5
74.25
0.0430
0.87
RL-8500-2-180
180.0 ± 10%
5.3
86.58
0.0500
0.83
RL-8500-2-220
220.0 ± 10%
5.0
102.33
0.0560
0.83
RL-8500-2-270
270.0 ± 10%
4.2
130.05
0.0770
0.80
RL-8500-2-330
330.0 ± 10%
3.6
165.06
0.1000
0.80
RL-8500-2-390
390.0 ± 10%
3.5
190.44
0.1080
0.80
RL-8500-2-470
470.0 ± 10%
3.3
222.59
0.1350
0.85
RL-8500-2-560
560.0 ± 10%
3.2
259.20
0.1500
0.85
RL-8500-2-680
680.0 ± 10%
3.0
302.67
0.1650
0.85
RL-8500-2-820
820.0 ± 10%
2.9
353.25
0.1800
0.85
RL-8500-2-1000
1000.0 ± 10%
2.5
449.23
0.2300
0.85
NOTES:
1. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO RISE
APPROX. 30ºC ABOVE AMBIENT OF 25ºC
3. RESISTANCE TO SOLDER HEAT: 260ºC 10 SECONDS
4. INDUCTANCE TESTED AT 10 kHz, 0.1Vrms




Html Pages

1  2  3 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl