Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

18-225-B6R6C-C01-3T Fiches technique(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No de pièce 18-225-B6R6C-C01-3T
Description  Chip LED with Bi-Color(Multi-Color)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

18-225-B6R6C-C01-3T Fiches technique(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  18-225-B6R6C-C01-3T Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-B6R6C-C01-3T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-B6R6C-C01-3T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-B6R6C-C01-3T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-B6R6C-C01-3T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-B6R6C-C01-3T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-B6R6C-C01-3T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-B6R6C-C01-3T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225-B6R6C-C01-3T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
18-225/B6R6C-C01/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 2 of 11
Device No:DSE-00005365
Prepared date: 05-Jul-2011
Prepared by: Ashley Kuo
Package Outline Dimensions
-
+
-
+
Cathode Mark
1
2
Polarity
Recommend Soldering Pad
Red
Blue
1.6
0.4
0.8
0.4
4
3
0.5
0.7
0.5
1
2
4
3
2
1
3
4
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
Blue
Red


Numéro de pièce similaire - 18-225-B6R6C-C01-3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
18-225-B6R6C-C01-3T EVERLIGHT-18-225-B6R6C-C01-3T Datasheet
222Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
18-225-B6R6C-C01-3T EVERLIGHT-18-225-B6R6C-C01-3T Datasheet
213Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
18-225-B6R6C-C01-3T EVERLIGHT-18-225-B6R6C-C01-3T_11 Datasheet
213Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
More results

Description similaire - 18-225-B6R6C-C01-3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
19-226-R6G7C-A01-2T EVERLIGHT-19-226-R6G7C-A01-2T Datasheet
209Kb / 12P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T EVERLIGHT-19-22-R6G6C-A01-2T Datasheet
199Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-123-Y2ST1D-C30-2T EVERLIGHT-19-123-Y2ST1D-C30-2T_11 Datasheet
309Kb / 14P
   Chip LED with Bi-Color(Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T Datasheet
174Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
18-225-R6G6C-A01-3T TO-GRACE-18-225-R6G6C-A01-3T Datasheet
971Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
11-22-R6G6C-QSANP-2T TO-GRACE-11-22-R6G6C-QSANP-2T Datasheet
829Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T TO-GRACE-19-22-R6G6C-A01-2T Datasheet
842Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-223-R7BHC-A30-2T TO-GRACE-19-223-R7BHC-A30-2T Datasheet
994Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T_11 Datasheet
350Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
11-22-R6G6C-QSANP-2T EVERLIGHT-11-22-R6G6C-QSANP-2T Datasheet
178Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-223-R7BHC-A30-2T EVERLIGHT-19-223-R7BHC-A30-2T Datasheet
219Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com