Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

17-215/S2C-CP2R1B/3T Fiches technique(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No de pièce 17-215/S2C-CP2R1B/3T
Description  0805 Package Chip LED (0.8mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

17-215/S2C-CP2R1B/3T Fiches technique(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  17-215/S2C-CP2R1B/3T Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215/S2C-CP2R1B/3T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215/S2C-CP2R1B/3T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215/S2C-CP2R1B/3T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215/S2C-CP2R1B/3T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215/S2C-CP2R1B/3T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215/S2C-CP2R1B/3T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215/S2C-CP2R1B/3T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215/S2C-CP2R1B/3T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
17-215/S2C-CP2R1B/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 3 of 10
Device No. : SZDSE-175-S01
Prepared date: 21-Mar-2006
Prepared by: Wu xiaowei
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Electrostatic Discharge(HBM)
ESD
2000
V
Power Dissipation
Pd
60
mW
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
60
mA
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
57.0
-----
180
mcd
Peak Wavelength
λp
----
611
----
nm
Dominant
Wavelength
λd
603.5
----
609.5
nm
Spectrum Radiation
Bandwidth
△λ
-----
20
----
nm
Viewing Angle
2θ1/2
-----
130
----
deg
Forward Voltage
VF
1.75
----
2.35
V
IF =20mA
Reverse Current
IR
----
----
10
μA
VR=5V
Notes:
1.Tolerance of Luminous Intensity ±10%
2.Tolerance of Dominant Wavelength ±1nm
3.Tolerance of Forward Voltage ±0.1V


Numéro de pièce similaire - 17-215/S2C-CP2R1B/3T

FabricantNo de pièceFiches techniqueDescription
logo
HK TO-GRACE TECHNOLOGY ...
17-215/S2C-AQ1R2B/3T TO-GRACE-17-215/S2C-AQ1R2B/3T Datasheet
990Kb / 10P
   0805 Package Chip LED (0.8mm Height)
More results

Description similaire - 17-215/S2C-CP2R1B/3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T_11 Datasheet
204Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-AN1P2-3T EVERLIGHT-17-215-BHC-AN1P2-3T Datasheet
165Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-B6C-YP2R2-3T TO-GRACE-17-215-B6C-YP2R2-3T Datasheet
869Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-BP2Q2M-3T TO-GRACE-17-215-BHC-BP2Q2M-3T Datasheet
876Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T Datasheet
121Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-G6C-FN2P2B-3T EVERLIGHT-17-215-G6C-FN2P2B-3T Datasheet
152Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-S2C-AQ1R2B-3T EVERLIGHT-17-215-S2C-AQ1R2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-B6C-YP2R2-3T EVERLIGHT-17-215-B6C-YP2R2-3T_11 Datasheet
203Kb / 10P
   0805 Package Chip LED(0.8mm Height)
U17-215-R6C-AQ1R2B-3T EVERLIGHT-U17-215-R6C-AQ1R2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-S2C-CP2R1B-3T EVERLIGHT-17-215-S2C-CP2R1B-3T Datasheet
169Kb / 10P
   0805 Package Chip LED (0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-S2C-AQ1R2B-3T TO-GRACE-17-215-S2C-AQ1R2B-3T Datasheet
990Kb / 10P
   0805 Package Chip LED (0.8mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com