Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

17-215-R6C-AQ1R2B-3T Fiches technique(PDF) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No de pièce 17-215-R6C-AQ1R2B-3T
Description  0805 Package Chip LED (0.8mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

17-215-R6C-AQ1R2B-3T Fiches technique(HTML) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button 17-215-R6C-AQ1R2B-3T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-R6C-AQ1R2B-3T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-R6C-AQ1R2B-3T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-R6C-AQ1R2B-3T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-R6C-AQ1R2B-3T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-R6C-AQ1R2B-3T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-R6C-AQ1R2B-3T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-R6C-AQ1R2B-3T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 17-215-R6C-AQ1R2B-3T Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
17-215/R6C-AQ1R2B/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 10 of 10
Device No. :SZDSE-175-R05
Prepared date:14-Apr-2006
Prepared by: Gu Zhicheng
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is often
started at the time of the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is
unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed
beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Numéro de pièce similaire - 17-215-R6C-AQ1R2B-3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
17-215-R6C-A0Q2R2B0E EVERLIGHT-17-215-R6C-A0Q2R2B0E Datasheet
318Kb / 12P
   RoHS compliant
17-215-R6C-A0Q2R2B0E EVERLIGHT-17-215-R6C-A0Q2R2B0E Datasheet
318Kb / 12P
   RoHS compliant
17-215-R6C-A0Q2R2B0E EVERLIGHT-17-215-R6C-A0Q2R2B0E_15 Datasheet
318Kb / 12P
   RoHS compliant
More results

Description similaire - 17-215-R6C-AQ1R2B-3T

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T_11 Datasheet
204Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-AN1P2-3T EVERLIGHT-17-215-BHC-AN1P2-3T Datasheet
165Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-B6C-YP2R2-3T TO-GRACE-17-215-B6C-YP2R2-3T Datasheet
869Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-BP2Q2M-3T TO-GRACE-17-215-BHC-BP2Q2M-3T Datasheet
876Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T Datasheet
121Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-G6C-FN2P2B-3T EVERLIGHT-17-215-G6C-FN2P2B-3T Datasheet
152Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-S2C-AQ1R2B-3T EVERLIGHT-17-215-S2C-AQ1R2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-B6C-YP2R2-3T EVERLIGHT-17-215-B6C-YP2R2-3T_11 Datasheet
203Kb / 10P
   0805 Package Chip LED(0.8mm Height)
U17-215-R6C-AQ1R2B-3T EVERLIGHT-U17-215-R6C-AQ1R2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-S2C-CP2R1B-3T EVERLIGHT-17-215-S2C-CP2R1B-3T Datasheet
169Kb / 10P
   0805 Package Chip LED (0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-S2C-AQ1R2B-3T TO-GRACE-17-215-S2C-AQ1R2B-3T Datasheet
990Kb / 10P
   0805 Package Chip LED (0.8mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com