Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRM6045T220MMRRV Fiches technique(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce NRM6045T220MMRRV
Description  SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (NR series M type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRM6045T220MMRRV Fiches technique(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  NRM6045T220MMRRV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NRM6045T220MMRRV Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc NRM6045T220MMRRV Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (NR series M type)
NRM6045T220MMRRV
Features
Item Summary
22uH±20%, 1.2A, 6.0x6.0x4.5mm
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping Embossed 1500pcs
Products characteristics table
Inductance
22 uH ± 20 %
Case Size (mm)
6.0x6.0
Rated Current (max)
1.2 A
Saturation Current (max)
2.5 A (⊿L=30%)
Saturation Current (typ)
3 A (⊿L=30%)
Temperature Rise Current (max)
1.2 A (⊿T=20℃)
Temperature Rise Current (typ)
1.6 A (⊿T=20℃)
Temperature Rise Current (max)
1.8 A (⊿T=40℃)
(Reference Value)
Temperature Rise Current (typ)
2 A (⊿T=40℃)
(Reference Value)
DC Resistance (max)
0.132 Ω
DC Resistance (typ)
0.11 Ω
LQ Measuring Frequency
100 kHz
Self Resonant Frequency (min)
9 MHz
Operating Temp. Range
-40 to +125 ℃
(Including-self-generated heat)
Temperature characteristic
± 20 %
(Inductance change)
RoHS Compliance (10 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
6.0 ±0.2 mm
Dimension W
6.0 ±0.2 mm
Dimension H
Max 4.5 mm
Dimension e
1.65 ±0.2 mm
Dimension k (ref)
Min 0.3 mm
Recommended Land Patterns
2019.07.03
1 / 1


Numéro de pièce similaire - NRM6045T220MMRRV

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
NRM6045T220MMRR8 TAIYO-YUDEN-NRM6045T220MMRR8 Datasheet
299Kb / 3P
   SMD Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (NR series M type)
More results

Description similaire - NRM6045T220MMRRV

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
NRM6045T1R0NMRRV TAIYO-YUDEN-NRM6045T1R0NMRRV Datasheet
299Kb / 3P
   SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (NR series M type)
NRM6045T101MMRRV TAIYO-YUDEN-NRM6045T101MMRRV Datasheet
298Kb / 3P
   SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (NR series M type)
NRM6045T470MMRRV TAIYO-YUDEN-NRM6045T470MMRRV Datasheet
299Kb / 3P
   SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (NR series M type)
NRM6045T471MMRRV TAIYO-YUDEN-NRM6045T471MMRRV Datasheet
297Kb / 3P
   SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (NR series M type)
NRM6045T4R7MMRRV TAIYO-YUDEN-NRM6045T4R7MMRRV Datasheet
300Kb / 3P
   SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (NR series M type)
NRM6045T221MMRRV TAIYO-YUDEN-NRM6045T221MMRRV Datasheet
298Kb / 3P
   SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (NR series M type)
NRM6045T2R2NMRRV TAIYO-YUDEN-NRM6045T2R2NMRRV Datasheet
299Kb / 3P
   SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (NR series M type)
NRM6045T100MMRSV TAIYO-YUDEN-NRM6045T100MMRSV Datasheet
299Kb / 3P
   SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (NR series M type)
NRM5030T3R3NMRPV TAIYO-YUDEN-NRM5030T3R3NMRPV Datasheet
300Kb / 3P
   SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications (NR series M type)
NRM5030T220MMRPV TAIYO-YUDEN-NRM5030T220MMRPV Datasheet
300Kb / 3P
   SMD Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications (NR series M type)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com