Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


RL-8600-103M Datasheet(Fiches technique) 1 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-8600-103M
Description  SMD HIGH ENERGY POWER INDUCTORS
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

   
 1 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
RL-8600
SMD HIGH ENERGY
POWER INDUCTORS
• RL-8600seriesisoneofthehighestpower,pickandplace,
surfacemountpowerinductorsonthemarket
• Offershighenergydensityinasmallfootprint
• Thisseriesoffers15industrystandardinductancevaluesupto
10mHandcurrentcapabilitiesabove5A
• IdealforLEDdriversandDC-DCconvertersusedinlaptop
computers,step-upandstepdownconvertersand
otherelectronicequipment
FEATURES & APPLICATIONS
DESCRIPTION
• SMDPowerInductors
ENVIRONMENTAL DATA
• Storagetemperaturerange:
-55°Cto+130°C
• Operatingtemperaturerange:
-40°Cto+130°C
PACKAGING INFORMATION
• Packaginginformation:pg.491
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
TOP VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART NUMBER PART WEIGHT
RL-8600
7.0g (0.25oz)
PART NUMBER
A ±0.008 (0.20)
B (MAX.)
C ±0.008 (0.20)
D ±0.011 (0.30)
E (MAX.)
RL-8600
0.094 (2.4)
0.601 (15.30)
0.086 (2.20)
0.523 (13.30)
0.735 (18.70)
A
D
B
C
E
F
H
G
I
F (MAX.)
G (REF.)
H (REF.)
I (REF.)
0.452 (11.50)
0.120 (3.00)
0.110 (2.80)
0.500 (12.70)
SCHEMATIC
ST
FN




Html Pages

1  2  3 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl