Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


FI168L1681DT-T Datasheet(Fiches technique) 1 Page - Taiyo Yuden (U.S.A.), Inc

Numéro de pièce FI168L1681DT-T
Description  Multilayer Ceramic Devices (Low Pass Type)
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo 

   
 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Multilayer Ceramic Devices (Low Pass Type)
FI168L1681DT-T
Features
Item Summary
Low Pass Type, 1.6x0.8x0.65mm
for LTE/NB-IOT
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Papered 5000
Products characteristics table
System
LTE/NB-IOT
Passband Frequency1 (f1)
617 to 2690 MHz
Insertion Loss2 (max)(in f1)
0.2 dB at 617 to 2690MHz (-40 to +85 ℃)
VSWR1 (max)(in f1)
1.5 at 617 to 2690MHz
Attenuation1 (min)(f1)
25 dB at 5150 to 5950MHz
Input Impedance
50 Ω
Output Impedance
50 Ω
Operating Temp. Range
-40 to +85 ℃
RoHS Compliance (10 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.6 ±0.10 mm
Dimension W
0.8 ±0.10 mm
Dimension T
Max 0.65 mm
2019.07.04
1 / 1




Html Pages

1  2 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl