Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EL2141 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce EL2141
Description  150MHz Differential Twisted Pair Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2141 Fiches technique(HTML) 2 Page - Intersil Corporation

  EL2141 Datasheet HTML 1Page - Intersil Corporation EL2141 Datasheet HTML 2Page - Intersil Corporation EL2141 Datasheet HTML 3Page - Intersil Corporation EL2141 Datasheet HTML 4Page - Intersil Corporation EL2141 Datasheet HTML 5Page - Intersil Corporation EL2141 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FN7048.1
February 11, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage VS+ and GND . . . . . . . . . . . . . . . . . . . . . . . . +12.6V
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Recommended Operating Temperature . . . . . . . . . . . -40°C to 85°C
VIN, VINB, VREF. . . . . . . . . . . . VEE+0.8V (MIN) to VCC-0.8V (MAX)
VIN–VINB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±5V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VCC = +5V, VEE = -5V, TA = 25°C, VIN = 0V, RL = 200, unless otherwise specified.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
VSUPPLY
Supply Operating Range (VCC–VEE)
±3.0
±5.0
±6.3
V
IS
Power Supply Current (No Load)
11
14
mA
VOS
Input Referred Offset Voltage
-25
10
40
mV
IIN
Input Bias Current (VIN, VINB, VREF)-20
6
20
µA
ZIN
Differential Input Impedance
400
k
VDIFF
Differential Input Range
±2.0
±2.3
V
AVOL
Open Loop Voltage Gain
75
dB
VOUT(200)
Output Voltage Swing (200
Ω load, VOUT to VOUTB)
±3.4
±3.6
V
VOUT(100)
Output Voltage Swing (100
Ω Load, VOUT to VOUTB)
±2.9
±3.1
V
VN
Input Referred Voltage Noise
36
nV/
√Hz
VREFOS
Output Offset Relative to VREF
-60
-25
+60
mV
PSRR
Power Supply Rejection Ratio
60
70
dB
IOUT(min)
Minimum Output Current
50
60
mA
ROUT
(VOUT = VOUTB = 0V) Output Impedance
0.1
AC Electrical Specifications
VCC = +5V, VEE = -5V, TA = 25°C, VIN = 0V, RLOAD = 200, unless otherwise specified
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
BW(-3dB)
-3dB Bandwidth (@ gain of 2)
150
MHz
SR
Differential Slewrate
800
V/
µs
Tstl
Settling Time to 1%
15
ns
GBW
Gain Bandwidth Product
400
MHz
VREFBW(-3dB)
VREF -3dB Bandwidth
130
MHz
VREFSR
VREF Slewrate
100
V/
µs
THDf1
Distortion at 100kHz (Note 1)
-75
dB
dP
Differential Phase @ 3.58MHz
0.16
°
dG
Differential Gain @ 3.58MHz
0.24
%
NOTE:
1. Distortion measurement quoted for VOUT–VOUTB = 12V pk-pk, RLOAD = 200Ω, VGAIN = 8
EL2141


Numéro de pièce similaire - EL2141

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Elantec Semiconductor
EL2141CN ELANTEC-EL2141CN Datasheet
219Kb / 12P
   150 MHz Differential Twisted Pair Driver
EL2141CS ELANTEC-EL2141CS Datasheet
219Kb / 12P
   150 MHz Differential Twisted Pair Driver
logo
Renesas Technology Corp
EL2141CS RENESAS-EL2141CS Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
EL2141CS-T13 RENESAS-EL2141CS-T13 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
More results

Description similaire - EL2141

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
   550MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
   550MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5177 INTERSIL-EL5177_05 Datasheet
423Kb / 11P
   550MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
   550MHz Differential Twisted-Pair Driver
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Elantec Semiconductor
EL2140C ELANTEC-EL2140C Datasheet
219Kb / 12P
   150 MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com