Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EL2141 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce EL2141
Description  150MHz Differential Twisted Pair Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2141 Fiches technique(HTML) 1 Page - Intersil Corporation

  EL2141 Datasheet HTML 1Page - Intersil Corporation EL2141 Datasheet HTML 2Page - Intersil Corporation EL2141 Datasheet HTML 3Page - Intersil Corporation EL2141 Datasheet HTML 4Page - Intersil Corporation EL2141 Datasheet HTML 5Page - Intersil Corporation EL2141 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
FN7048.1
EL2141
150MHz Differential Twisted Pair Driver
The EL2141 is a very high bandwidth amplifier whose output
is in differential form, and is thus primarily targeted for appli-
cations such as driving twisted pair lines, or any application
where common mode injection is likely to occur. The input
signal can be in either single-ended or differential form, but
the output is always in differential form.
On the EL2141, two feedback inputs provide the user with
the ability to set the device gain, (stable at minimum gain of
two).
The output common mode level is set by the reference pin
(VREF), which has a -3dB bandwidth of over 100MHz. Gen-
erally, this pin is grounded, but it can be tied to any voltage
reference.
The transmission of ADSL/HDSL signals requires very low
distortion amplification, so this amplifier was designed with
this as a primary goal. The actual signal distortion levels
depend upon input and output signal amplitude, as well as
the output load impedance. (See distortion data inside.)
Both outputs (VOUT, VOUTB) are short circuit protected to
withstand temporary overload condition.
Features
• Fully differential inputs, outputs, and feedback
• Differential input range ±2.3V
• 150MHz 3dB bandwidth
•800V/
µs slew rate
• -55dB distortion at 3MHz
• -75dB distortion at 100kHz
• ±5V supplies or +6V single supply
• 50mA minimum output current
• Output swing (200
Ω load) to within 1.5V of supplies
(14VPKPK differential)
• Low power-11mA typical supply current
• Pb-free available (RoHS compliant)
Applications
• Twisted pair driver
• Differential line driver
• VGA over twisted pair
• ADSL/HDSL driver
• Single ended to differential amplification
• Transmission of analog signals in a noisy environment
Pinout
EL2141
(8-PIN SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL2141CS
8-pin SOIC
-
MDP0027
EL2141CS-T7
8-pin SOIC
7”
MDP0027
EL2141CS-T13
8-pin SOIC
13”
MDP0027
EL2141CSZ
(See Note)
8-pin SOIC
(Pb-free)
-
MDP0027
EL2141CSZ-T7
(See Note)
8-pin SOIC
(Pb-free)
7”
MDP0027
EL2141CSZ-
T13 (See Note)
8-pin SOIC
(Pb-free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
February 11, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1995, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Numéro de pièce similaire - EL2141

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Elantec Semiconductor
EL2141CN ELANTEC-EL2141CN Datasheet
219Kb / 12P
   150 MHz Differential Twisted Pair Driver
EL2141CS ELANTEC-EL2141CS Datasheet
219Kb / 12P
   150 MHz Differential Twisted Pair Driver
logo
Renesas Technology Corp
EL2141CS RENESAS-EL2141CS Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
EL2141CS-T13 RENESAS-EL2141CS-T13 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
More results

Description similaire - EL2141

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
   550MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
   550MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5177 INTERSIL-EL5177_05 Datasheet
423Kb / 11P
   550MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
   550MHz Differential Twisted-Pair Driver
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Elantec Semiconductor
EL2140C ELANTEC-EL2140C Datasheet
219Kb / 12P
   150 MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com