Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EL2141 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce EL2141
Description  150MHz Differential Twisted Pair Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2141 Fiches technique(HTML) 5 Page - Intersil Corporation

  EL2141 Datasheet HTML 1Page - Intersil Corporation EL2141 Datasheet HTML 2Page - Intersil Corporation EL2141 Datasheet HTML 3Page - Intersil Corporation EL2141 Datasheet HTML 4Page - Intersil Corporation EL2141 Datasheet HTML 5Page - Intersil Corporation EL2141 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FN7048.1
February 11, 2005
Typical Applications Circuits
FIGURE 7. TYPICAL TWISTED PAIR APPLICATION
FIGURE 8. DIFFERENTIAL LINE DRIVER WITH EQUALIZATION
DCGain
R1
R2
R3
++
R2
------------------------------------- SeeFigure9
()
=
HF
()Gain
R1
R2 R4
() R3
++
R2 R4
()
------------------------------------------------------ SeeFigure9
()
=
whereF
O
1
2
πC
1 R2
----------------------
=
andF
P
1
2
πC
1R4
----------------------
=
FIGURE 9. DUAL SIGNAL TRANSMISSION CIRCUIT
EL2141


Numéro de pièce similaire - EL2141

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Elantec Semiconductor
EL2141CN ELANTEC-EL2141CN Datasheet
219Kb / 12P
   150 MHz Differential Twisted Pair Driver
EL2141CS ELANTEC-EL2141CS Datasheet
219Kb / 12P
   150 MHz Differential Twisted Pair Driver
logo
Renesas Technology Corp
EL2141CS RENESAS-EL2141CS Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
EL2141CS-T13 RENESAS-EL2141CS-T13 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
More results

Description similaire - EL2141

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
   550MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
   550MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5177 INTERSIL-EL5177_05 Datasheet
423Kb / 11P
   550MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
   550MHz Differential Twisted-Pair Driver
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Elantec Semiconductor
EL2140C ELANTEC-EL2140C Datasheet
219Kb / 12P
   150 MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com