Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSD3C63-XX Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce LSD3C63-XX
Description  LED Displays Numeric 7-segment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

LSD3C63-XX Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

  LSD3C63-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers LSD3C63-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers LSD3C63-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers LSD3C63-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers LSD3C63-XX Datasheet HTML 5Page - List of Unclassifed Manufacturers LSD3C63-XX Datasheet HTML 6Page - List of Unclassifed Manufacturers LSD3C63-XX Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LED Displays Numeric 7-segment
Single Digit Display 8.7”
85
50
14
8.5
595
Yellow
AlInGaP
LSD80068-XX
85
50
12
7.5
660
Super Red
GaAlAs
C.A.
LSD80067-XX
85
50
14
8.5
595
Yellow
AlInGaP
LSD80058-XX
C.C
85
50
12
7.5
660
Super Red
GaAlAs
LSD80057-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Single Digit Display 12.0”
3,400
2,600
33
28.5
660
Ultra Red
GaAlAs
C.A.
LSD12001SRA
2,000
1,600
33
28.5
660
Super Red
GaAlAs
LSD12001SRA
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Displays are supplied bin graded and luminous intensity values may be higher in production.
Notes: Display face and segment colours are denoted in the suffix xx
Reflector Surface
Segment Colour
0 Original
0 White Diffused
1 Black
1 Red Diffused
2 Grey
2 Green Diffused
3 Red
3 Yellow Diffused
4 Orange
4 Orange Diffused
Low current options are available add suffix T2
Additional colours and multi-colour versionsmay also be specified. M.O.Q.’s may apply
See additional data sheet for multi-digit types
Specifications may be subject to change without notice
96.0
220.0
(8.7")
270.0
(10.6")
156.0
(6.14")
37.0
(1.45")


Numéro de pièce similaire - LSD3C63-XX

FabricantNo de pièceFiches techniqueDescription
logo
Dialight Corporation
LSD3C4B2D DIALIGHT-LSD3C4B2D Datasheet
613Kb / 8P
   SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
104Kb / 2P
   SafeSite Series LED Linear Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
177Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
182Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
613Kb / 8P
   SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
More results

Description similaire - LSD3C63-XX

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FND500 ETC2-FND500 Datasheet
67Kb / 2P
   Red GaAsP 0.5-inch 7-Segment Numeric LED Displays
logo
Visual Communications C...
DSM7TA56105T VCC-DSM7TA56105T Datasheet
446Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28105T VCC-DSM7TA28105T Datasheet
504Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28106T VCC-DSM7TA28106T Datasheet
491Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56101T VCC-DSM7TA56101T Datasheet
443Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56106T VCC-DSM7TA56106T Datasheet
444Kb / 6P
   7-Segment LED Numeric Display
logo
Rohm
LB-303AK ROHM-LB-303AK_17 Datasheet
360Kb / 5P
   Three-digit LED numeric displays
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
[Old version datasheet]   NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-367P LITEON-LTS-367P Datasheet
581Kb / 4P
   0.36 Single Digit Numeric LED Displays
logo
EPIGAP optoelectronic G...
EDC-660-19-02 EPIGAP-EDC-660-19-02 Datasheet
21Kb / 1P
   7-Segment LED-Chip
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com