Moteur de recherche de fiches techniques de composants électroniques |
|
ILC7011AIC531X Fiches technique(PDF) 4 Page - Fairchild Semiconductor |
|
ILC7011AIC531X Fiches technique(HTML) 4 Page - Fairchild Semiconductor |
4 / 11 page ILC7010/7011 PRODUCT SPECIFICATION 4 REV. 1.0.5 3/21/02 Electrical Specifications VIN=VOUT+1V, IOUT=1mA, VEN=2V and TA = +25°C using circuit in Figure 1 with CIN=COUT=1µF, CN=0, unless otherwise specified Notes: 1. For 2.5V < VOUT < 2.8V refer to diagram “Dropout Voltage vs. Output Voltage.” 2. Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 2% below the nominal value measured with 1V differential. Parameter Symbol Conditions Min. Typ. Max. Units Output Voltage VOUT 0.99 VOUTnom VOUTnom 1.01 VOUTnom V Ground pin Current IGND IOUT=10mA 70 90 µA IOUT=80mA 90 110 Line Regulation ∆VOUT/VOUT/ ∆VIN VIN: VOUT+1V to VOUT+2V 0.017 0.075 %/V Load Regulation ∆VOUT/VOUT IOUT=1 to 80mA 0.12 0.2 % Dropout Voltage1,2 VDO IOUT=10mA, VOUT>2.8V 25 30 mV IOUT=20mA, VOUT>2.8V 50 60 IOUT=80mA, VOUT>2.8V 220 250 Shutdown (OFF) current IOFF VEN=0 10 40 nA EN Input Voltage VEN High = ON state Low = OFF state 2 0.6 V EN Input Current IEN VEN=0.6V 0.3 µA VEN=2V 1 Output Noise Voltage ILC7011 eN BW=300Hz to 50kHz CIN=COUT=2.2uF, CN=10nF IOUT=10mA 40 µV RMS Ripple Rejection PSRR COUT=4.7uF, 120Hz IOUT=80mA 65 dB Dynamic Line Regulation ∆VOUT (line) ∆VIN=1V,IOUT=80mA, tr/tf=2uS 10 mV Dynamic Load Regulation ∆VOUT (load) ∆IOUT=80mA, tr<5mS 15 mV Resistance Discharge in OFF state RDISC VEN=0 1.5 k Ω |
Numéro de pièce similaire - ILC7011AIC531X |
|
Description similaire - ILC7011AIC531X |