Moteur de recherche de fiches techniques de composants électroniques |
|
ILC7011 Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
ILC7011 Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 11 page ILC7010/7011 PRODUCT SPECIFICATION 2 REV. 1.0.5 3/21/02 Test circuit Figure 1. Pin Configuration Pin Definition ILC7010 Pin Definition ILC7011 Pin Number Pin Name Pin Function Description 1EN Enable input. High level enables VOUT while Low level commands shutdown mode and discharge COUT to GND 2 N/C Not connected 3 GND Ground of the IC 4VOUT Voltage output. Regulated output voltage 5VIN Supply voltage input Pin Number Pin Name Pin Function Description 1VOUT Voltage output. Regulated output voltage 2 GND Ground of the IC 3VIN Supply voltage input 4EN Enable input. High level enables VOUT while Low level commands shutdown mode and discharge COUT to GND 5CN Optional noise bypass capacitor VIN CIN CN COUT RL VIN EN VOUT (CN) GND VIN 12 3 1 2 3 54 54 VOUT EN N/C GND ILC7010 VIN VOUT EN CN SC70 GND ILC7011 |
Numéro de pièce similaire - ILC7011 |
|
Description similaire - ILC7011 |