Moteur de recherche de fiches techniques de composants électroniques |
|
CS4344-DZZ Fiches technique(PDF) 8 Page - Cirrus Logic |
|
CS4344-DZZ Fiches technique(HTML) 8 Page - Cirrus Logic |
8 / 23 page CS4344/5/6/8 8 DS613PP2 DIGITAL INPUT CHARACTERISTICS 7. Iin for LRCK is ±20 µA max. POWER AND THERMAL CHARACTERISTICS 8. Current consumption increases with increasing FS and increasing MCLK. Typ and Max values are based on highest FS and highest MCLK. Variance between speed modes is small. 9. Power down mode is defined when all clock and data lines are held static. 10. Valid with the recommended capacitor values on VQ and FILT+ as shown in the typical connection diagram in Section 3. Parameters Symbol Min Typ Max Units High-Level Input Voltage (% of VA) VIH 55% - - V Low-Level Input Voltage (% of VA) VIL -- 30% V Input Leakage Current (Note 7) Iin -- ±10 µA Input Capacitance - 8 - pF 5V Nom 3.3 V Nom Parameters Symbol Min Typ Max Min Typ Max Units Power Supplies Power Supply Current normal operation (Note 8) power-down state (Note 9) IA IA - - 22 220 30 - - - 16 100 21 - mA µA Power Dissipation normal operation power-down state (Note 9) - - 110 1.1 150 - - - 53 0.33 69 - mW mW Package Thermal Resistance θJA -95- -95- °C/Watt Power Supply Rejection Ratio (Note 8) (1 kHz) (60 Hz) PSRR - - 60 40 - - - - 60 40 - - dB dB AOU Tx AGN D 3.3 µF V out R L C L Figure 1. Output Test Load 100 50 75 25 2.5 510 15 Safe Operating Region Resistive Load -- R (k Ω ) L 125 3 20 Figure 2. Maximum Loading |
Numéro de pièce similaire - CS4344-DZZ |
|
Description similaire - CS4344-DZZ |