Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB6284 Fiches technique(PDF) 1 Page - SHOUDING Shouding Semiconductor

No de pièce SB6284
Description  High Efficiency 1.2MHz 2A Step Up Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHOUDING [SHOUDING Shouding Semiconductor]
Site Internet  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SB6284 Fiches technique(HTML) 1 Page - SHOUDING Shouding Semiconductor

  SB6284 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SB6284 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SB6284 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SB6284 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SB6284 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SB6284 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SB6284 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SB6284
SB6284
SB6284 is available in a small
SB6284 includes under
The SB6284 features
The SB6284 is a constant frequency,
628
The SDB
1
High Efficiency 1.2MHz
2A Step Up Converter
FEATURES
• Integrated 80mΩ Power MOSFET
• 2V to 24V Input Voltage
• 1.2MHz Fixed Switching Frequency
• Internal 4A Switch Current Limit
• Adjustable Output Voltage
• Internal Compensation
• Up to 28V Output Voltage
• Automatic Pulse Frequency Modulation
Mode at Light Loads
• up to 97% Efficiency
• Available in a 6-Pin SOT23-6 Package
APPLICATIONS
• Battery-Powered Equipment
• Set-Top Boxed
• LCD Bais Supply
• DSL and Cable Modems and Routers
• Networking cards powered from PCI
or PCI express slots
TYPICAL APPLICATION
Figure 1. Basic Application Circuit
The SB6284 is a constant frequency, 6-pin SOT23
current mode step-up converter intended for small,
low power applications. The
switches at
1.2MHz and allows the use of tiny, low cost
capacitors and inductors 2mm or less in height.
Internal soft-start results in small inrush current and
extends battery life.
The SB6284featuresautomatic shifting to pulse
frequency modulation mode at light loads. The
SB6284includes under -voltage lockout, current
limiting, and thermal overload protection to prevent
damage in the event of an output overload. The
SB6284is available in a small 6-pin SOT-23
package.
Efficiency
Iout (mA)
Figure 2. Efficiency Curve
GENERAL DESCRIPTION
www.shouding.net
SB6284
SB6284 u
SD.15


Numéro de pièce similaire - SB6284

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SB620 PANJIT-SB620 Datasheet
89Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 60 Volts CURRENT - 6 Ampere)
logo
Won-Top Electronics
SB620 WTE-SB620 Datasheet
62Kb / 4P
   6.0A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB620 PANJIT-SB620 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB620 PACELEADER-SB620 Datasheet
263Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB620 PANJIT-SB620 Datasheet
52Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SB6284

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MT3608 ETC1-MT3608 Datasheet
603Kb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
logo
Shenzhen Huazhimei Semi...
HM1548B HMSEMI-HM1548B Datasheet
1Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
logo
SHOUDING Shouding Semic...
SDB628 SHOUDING-SDB628 Datasheet
2Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
logo
List of Unclassifed Man...
SX1308 ETC1-SX1308 Datasheet
849Kb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter 85T
logo
Shenzhen Huazhimei Semi...
HM1535 HMSEMI-HM1535 Datasheet
384Kb / 7P
   High Efficiency 1.2MHz, 2A Step Up Regulator
logo
SHOUDING Shouding Semic...
SX1308 SHOUDING-SX1308 Datasheet
1Mb / 6P
   High Efficiency 1.2MHz 2A Step Up Regulator
logo
SHANGHAI BELLING CO., L...
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
   High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE717C ACE-ACE717C Datasheet
743Kb / 8P
   High Efficiency 1.2MHz 24V Step-up DC/DC Converter
VER 1.1
logo
Richtek Technology Corp...
RT8058A RICHTEK-RT8058A Datasheet
285Kb / 14P
   1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8213 TECHCODE-TD8213 Datasheet
838Kb / 16P
   High Efficiency 1.2MHz Step Up Regulator
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com