Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD25LB64C Fiches technique(PDF) 28 Page - GigaDevice Semiconductor (Beijing) Inc.

No de pièce GD25LB64C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Site Internet  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C Fiches technique(HTML) 28 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
28
7.12 Quad I/O Word Fast Read (E7H)
The Quad I/O Word Fast Read command is similar to the Quad I/O Fast Read command except that the lowest
address bit (A0) must equal 0 and only 2-dummy clock. The command sequence is shown in followed Figure13. The first
byte addressed can be at any location. The address is automatically incremented to the next higher address after each
byte of data is shifted out.
Quad I/O Word Fast Read with
“Continuous Read Mode”
The Quad I/O Word Fast Read command can further reduce command overhead through setting the
“Continuous
Read Mode
” bits (M7-0) after the input 3-byte address (A23-A0). If the “Continuous Read Mode” bits (M5-4) = (1, 0), then
the next Quad I/O Word Fast Read command (after CS# is raised and then lowered) does not require the E7H command
code. The command sequence is shown in followed Figure13. If the
“Continuous Read Mode” bits (M5-4) do not equal to (1,
0), the next command requires the first E7H command code, thus returning to normal operation. A
“Continuous Read
Mode
” Reset command can be used to reset (M5-4) before issuing normal command.
Figure13. Quad I/O Word Fast Read Sequence Diagram (M5-4
≠ (1, 0))
Figure13a. Quad I/O Word Fast Read Sequence Diagram (M5-4= (1, 0))
Command
0
1
2
3
4
5
6
7
E7H
CS#
SCLK
IO0
IO1
8
9 10 11 12 13 14 15
4
0
4
0
4
0
4
0
16 17 18 19 20 21 22 23
4
0
4
0
5
1
5
1
5
1
5
1
5
1
5
1
A23-16 A15-8 A7-0
M7-0
6
2
6
2
6
2
6
2
6
2
6
2
7
3
7
3
7
3
7
3
7
3
7
3
IO2
IO3
4
5
6
7
Dummy
Byte1 Byte2
4
0
5
1
6
2
7
3
Byte3
0
1
2
3
4
5
6
7
CS#
SCLK
8
9 10 11 12 13 14 15
IO0
IO1
IO2
IO3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
5
6
7
A23-16 A15-8 A7-0
M7-0 Dummy Byte1 Byte2
4
0
5
1
6
2
7
3
Byte3


Numéro de pièce similaire - GD25LB64C

FabricantNo de pièceFiches techniqueDescription
logo
GigaDevice Semiconducto...
GD25LB64C GIGADEVICE-GD25LB64C Datasheet
4Mb / 28P
   MCU
More results

Description similaire - GD25LB64C

FabricantNo de pièceFiches techniqueDescription
logo
ELM Technology Corporat...
GD25LQ40XIGX ELM-TECH-GD25LQ40XIGX Datasheet
3Mb / 59P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ64CXIGX ELM-TECH-GD25LQ64CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25LQ128 ELM-GD25LQ128 Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ05C GIGADEVICE-GD25LQ05C Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32D GIGADEVICE-GD25LQ32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ256D GIGADEVICE-GD25LQ256D Datasheet
1Mb / 85P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LR128D GIGADEVICE-GD25LR128D Datasheet
1Mb / 68P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LB128D GIGADEVICE-GD25LB128D Datasheet
1Mb / 75P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LE32D GIGADEVICE-GD25LE32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25QL32CXIGX ELM-GD25QL32CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32 ELM-GD25LQ32 Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com