Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XC9215 Fiches technique(PDF) 18 Page - Torex Semiconductor

No de pièce XC9215
Description  500mA Synchronous Step-Down DC/DC Converters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9215 Fiches technique(HTML) 18 Page - Torex Semiconductor

Back Button XC9215 Datasheet HTML 13Page - Torex Semiconductor XC9215 Datasheet HTML 14Page - Torex Semiconductor XC9215 Datasheet HTML 15Page - Torex Semiconductor XC9215 Datasheet HTML 16Page - Torex Semiconductor XC9215 Datasheet HTML 17Page - Torex Semiconductor XC9215 Datasheet HTML 18Page - Torex Semiconductor XC9215 Datasheet HTML 19Page - Torex Semiconductor XC9215 Datasheet HTML 20Page - Torex Semiconductor XC9215 Datasheet HTML 21Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
XC9215 / 9216 / 9217 Series
500mA Synchronous Step-Down DC/DC Converters
! TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) Oscillation Frequency vs. Ambient Temperature
(5) Supply Current vs. Ambient Temperature
(6) Output Voltage vs. Ambient Temperature
(7) U.V.L.O. Voltage vs. Ambient Temperature
XC9217A18C
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
VIN=3.6V
XC9217A186
300
400
500
600
700
800
900
-50
-25
0
25
50
75
100
VIN=3.6V
XC9217A18C
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
VIN=6.0V
VIN=3.6V
VIN=2.4V
XC9217A186
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
VIN=6.0V
VIN=3.6V
VIN=2.4V
XC9217A18C
1.5
1.6
1.7
1.8
1.9
2
2.1
-50
-25
0
25
50
75
100
VIN=3.6V
XC9217A18C
0
0.3
0.6
0.9
1.2
1.5
1.8
-50
-25
0
25
50
75
100
CE=VIN
L=3.3uH(CDRH3D16),CIN=4.7uF(ceramic),CL=10uF(ceramic),Topr=25
OC
Ambient Temperature : Ta (
OC)
L=6.8uH(CDRH4D18C),CIN=4.7uF(ceramic),CL=10uF(ceramic),Topr=25
OC
Ambient Temperature : Ta (
OC)
Ambient Temperature : Ta (
OC)
Ambient Temperature : Ta (
OC)
Ambient Temperature : Ta (
OC)
Ambient Temperature : Ta (
OC)
Semiconductor Ltd.
Data Sheet
18


Numéro de pièce similaire - XC9215

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
XC9210B092KL TOREX-XC9210B092KL Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210B092KL TOREX-XC9210B092KL Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
XC9210B092KR TOREX-XC9210B092KR Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
More results

Description similaire - XC9215

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_10 Datasheet
301Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XD9263 TOREX-XD9263 Datasheet
1Mb / 28P
   18V Operation 500mA Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y Datasheet
310Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 7/07
MAX8640Y MAXIM-MAX8640Y_09 Datasheet
458Kb / 12P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
MAX8640Y_0710 MAXIM-MAX8640Y_0710 Datasheet
308Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640Y MAXIM-MAX8640Y_V01 Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com