Moteur de recherche de fiches techniques de composants électroniques |
|
4N313SD Fiches technique(PDF) 6 Page - Fairchild Semiconductor |
|
4N313SD Fiches technique(HTML) 6 Page - Fairchild Semiconductor |
6 / 8 page GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 4/25/00 200038B 4N29 4N30 4N31 4N32 4N33 S .S Surface Mount Lead Bend SD .SD Surface Mount; Tape and reel W .W 0.4” Lead Spacing 300 .300 VDE 0884 300W .300W VDE 0884, 0.4” Lead Spacing 3S .3S VDE 0884, Surface Mount 3SD .3SD VDE 0884, Surface Mount, Tape & Reel Option Order Entry Identifier Description 4.0 ± 0.1 Ø1.55 ± 0.05 User Direction of Feed 4.0 ± 0.1 1.75 ± 0.10 7.5 ± 0.1 16.0 ± 0.3 12.0 ± 0.1 0.30 ± 0.05 13.2 ± 0.2 4.85 ± 0.20 0.1 MAX 10.30 ± 0.20 9.55 ± 0.20 Ø1.6 ± 0.1 QT Carrier Tape Specifications (“D” Taping Orientation) ORDERING INFORMATION NOTE All dimensions are in millimeters Call QT Optoelectronics for more information or the phone number of your nearest distributor. United States 800-533-6786 • France 33 [0] 1.45.18.78.78 • Germany 49 [0] 89/96.30.51 • United Kingdom 44 [0] 1296 394499 • Asia/Pacific 603-7248793 www.qtopto.com |
Numéro de pièce similaire - 4N313SD |
|
Description similaire - 4N313SD |