Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N333S Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 4N333S
Description  GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N333S Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  4N333S Datasheet HTML 1Page - Fairchild Semiconductor 4N333S Datasheet HTML 2Page - Fairchild Semiconductor 4N333S Datasheet HTML 3Page - Fairchild Semiconductor 4N333S Datasheet HTML 4Page - Fairchild Semiconductor 4N333S Datasheet HTML 5Page - Fairchild Semiconductor 4N333S Datasheet HTML 6Page - Fairchild Semiconductor 4N333S Datasheet HTML 7Page - Fairchild Semiconductor 4N333S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DESCRIPTION
The 4N29, 4N30, 4N31, 4N32, 4N33 have a gallium
arsenide infrared emitter optically coupled to a silicon
planar photodarlington.
GENERAL PURPOSE 6-PIN
PHOTODARLINGTON OPTOCOUPLERS
4N29
4N30
4N31
4N32
4N33
APPLICATIONS
• Low power logic circuits
• Telecommunications equipment
• Portable electronics
• Solid state relays
• Interfacing coupling systems of different potentials and impedances.
Parameter
Symbol
Value
Units
TOTAL DEVICE
TSTG
-55 to +150
°C
Storage Temperature
Operating Temperature
TOPR
-55 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
Total Device Power Dissipation @ TA = 25°C
PD
250
mW
Derate above 25°C
3.3
mW/°C
EMITTER
IF
80
mA
Continuous Forward Current
Reverse Voltage
VR
3V
Forward Current - Peak (300 µs, 2% Duty Cycle)
IF(pk)
3.0
A
LED Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
2.0
mW/°C
DETECTOR
BVCEO
30
V
Collector-Emitter Breakdown Voltage
Collector-Base Breakdown Voltage
BVCBO
30
V
Emitter-Collector Breakdown Voltage
BVECO
5V
Detector Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
2.0
mW/°C
Continuous Collector Current
IC
150
mA
4/25/00
200038B
FEATURES
• High sensitivity to low input drive current
• Meets or exceeds all JEDEC Registered Specifications
• VDE 0884 approval available as a test option
-add option .300. (e.g., 4N29.300)
EMITTER
COLLECTOR
1
2
3
ANODE
CATHODE
4
5
6 BASE
N/C
SCHEMATIC
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C Unless otherwise specified.)


Numéro de pièce similaire - 4N333S

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
4N33 MOTOROLA-4N33 Datasheet
287Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
Vishay Siliconix
4N33 VISHAY-4N33 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
4N33 VISHAY-4N33 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
logo
Everlight Electronics C...
4N33 EVERLIGHT-4N33 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
logo
QT Optoelectronics
4N33 QT-4N33 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
More results

Description similaire - 4N333S

FabricantNo de pièceFiches techniqueDescription
logo
QT Optoelectronics
4N29 QT-4N29 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com