Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LV165ADBRE4 Fiches technique(PDF) 1 Page - Texas Instruments |
|
SN74LV165ADBRE4 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 17 page SN54LV165A, SN74LV165A PARALLELLOAD 8BIT SHIFT REGISTERS SCLS402K − APRIL 1998 − REVISED APRIL 2005 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 2-V to 5.5-V VCC Operation D Max tpd of 10.5 ns at 5 V D Support Mixed-Mode Voltage Operation on All Ports D Ioff Supports Partial-Power-Down Mode Operation D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds JESD 22 − 2000-V Human-Body Model (A114-A) − 200-V Machine Model (A115-A) − 1000-V Charged-Device Model (C101) SN54LV165A ...J OR W PACKAGE SN74LV165A . . . D, DB, DGV, NS, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 D C NC B A E F NC G H SN54LV165A . . . FK PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 SH/LD CLK E F G H QH GND VCC CLK INH D C B A SER QH NC − No internal connection SN74LV165A . . . RGY PACKAGE (TOP VIEW) 116 89 2 3 4 5 6 7 15 14 13 12 11 10 CLK INH D C B A SER CLK E F G H QH description/ordering information The ’LV165A devices are parallel-load, 8-bit shift registers designed for 2-V to 5.5-V VCC operation. When the devices are clocked, data is shifted toward the serial output QH. Parallel-in access to each stage is provided by eight individual direct data inputs that are enabled by a low level at the shift/load (SH/ LD) input. The ’LV165A devices feature a clock-inhibit function and a complemented serial output, QH. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING QFN − RGY Reel of 1000 SN74LV165ARGYR LV165A SOIC − D Tube of 40 SN74LV165AD LV165A SOIC − D Reel of 2500 SN74LV165ADR LV165A SOP − NS Reel of 2000 SN74LV165ANSR 74LV165A −40 °C to 85°C SSOP − DB Reel of 2000 SN74LV165ADBR LV165A −40 C to 85 C Tube of 90 SN74LV165APW TSSOP − PW Reel of 2000 SN74LV165APWR LV165A TSSOP − PW Reel of 250 SN74LV165APWT LV165A TVSOP − DGV Reel of 2000 SN74LV165ADGVR LV165A CDIP − J Tube of 25 SNJ54LV165AJ SNJ54LV165AJ −55 °C to 125°C CFP − W Tube of 150 SNJ54LV165AW SNJ54LV165AW −55 C to 125 C LCCC − FK Tube of 55 SNJ54LV165AFK SNJ54LV165AFK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2005, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. |
Numéro de pièce similaire - SN74LV165ADBRE4 |
|
Description similaire - SN74LV165ADBRE4 |