Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMM5061VF Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce FMM5061VF
Description  X-Band Power Amplifier MMIC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

FMM5061VF Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FMM5061VF Datasheet HTML 3Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 4Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 5Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 6Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 7Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 8Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 9Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 10Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
VDD=6V @11.7GHz
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
15
20
25
30
2-Tone Total Output Pow er [dBm ]
-4V
-5V
-6V
VDD=6V @13.3GHz
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
15
20
25
30
2-Tone Total Output Pow er [dBm ]
-4V
-5V
-6V
VDD=6V @9.5GHz
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
15
20
25
30
2-Tone Total Output Pow er [dBm ]
-4V
-5V
-6V
7
IMD PERFORMANCE vs OUTPUT POWER
by Gate Voltage
IM5
IM3
IM5
IM3
IM5
IM3
X-Band Power Amplifier MMIC
FMM5061VF
IMD PERFORMANCE vs OUTPUT POWER
by Gate Voltage
IMD PERFORMANCE vs OUTPUT POWER
by Gate Voltage


Numéro de pièce similaire - FMM5061VF

FabricantNo de pièceFiches techniqueDescription
logo
Eudyna Devices Inc
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
More results

Description similaire - FMM5061VF

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Semiconductor ...
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
   X Band Power Amplifier MMIC
June 2017
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
ESM5068VU EUDYNA-ESM5068VU Datasheet
222Kb / 16P
   X-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1037 ASB-ASX1037 Datasheet
658Kb / 14P
   X Band Power Amplifier MMIC
June 2017
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246_1 Datasheet
347Kb / 5P
   HIGH GAIN X-BAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
   K-Band Power Amplifier MMIC
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com