Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMM5061VF Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce FMM5061VF
Description  X-Band Power Amplifier MMIC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

FMM5061VF Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  FMM5061VF Datasheet HTML 1Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 2Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 3Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 4Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 5Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 6Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 7Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 8Page - List of Unclassifed Manufacturers FMM5061VF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
VGG=-5V
20
22
24
26
28
30
32
34
36
38
45
678
VDD [V]
20
22
24
26
28
30
32
34
36
38
9.5GHz
11.7GHz
13.3GHz
VGG=-5V @13.3GHz
20
22
24
26
28
30
32
34
36
38
-10
-5
0
5
10
15
Input Power [dBm]
1100
1300
1500
1700
1900
2100
2300
2500
2700
2900
5V
6V
7V
VGG=-5V @11.7GHz
20
22
24
26
28
30
32
34
36
38
-10
-5
0
5
10
15
Input Power [dBm]
1100
1300
1500
1700
1900
2100
2300
2500
2700
2900
5V
6V
7V
VGG=-5V @9.5GHz
20
22
24
26
28
30
32
34
36
38
-10
-5
0
5
10
15
Input Power [dBm]
1100
1300
1500
1700
1900
2100
2300
2500
2700
2900
5V
6V
7V
4
X-band Power Amplifier MMIC
FMM5061VF
OUTPUT POWER, DRAIN CURRENT
vs. INPUT POWER by Drain Voltage
OUTPUT POWER, GAIN vs. DRAIN VOLTAGE
OUTPUT POWER, DRAIN CURRENT
vs. INPUT POWER by Drain Voltage
OUTPUT POWER, DRAIN CURRENT
vs. INPUT POWER by Drain Voltage


Numéro de pièce similaire - FMM5061VF

FabricantNo de pièceFiches techniqueDescription
logo
Eudyna Devices Inc
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
More results

Description similaire - FMM5061VF

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Semiconductor ...
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
   X Band Power Amplifier MMIC
June 2017
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
ESM5068VU EUDYNA-ESM5068VU Datasheet
222Kb / 16P
   X-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1037 ASB-ASX1037 Datasheet
658Kb / 14P
   X Band Power Amplifier MMIC
June 2017
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246_1 Datasheet
347Kb / 5P
   HIGH GAIN X-BAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
   K-Band Power Amplifier MMIC
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com