Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS82032T-6I Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce GS82032T-6I
Description  64K x 32 2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

GS82032T-6I Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  GS82032T-6I Datasheet HTML 1Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 2Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 3Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 4Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 5Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 6Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 7Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 8Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Rev: 1.04 2/2001
2/23
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS82032T/Q-150/138/133/117/100/66
GS82032 100-Pin TQFP and QFP Pinout
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VDDQ
VSS
DQC4
DQC3
VSS
VDDQ
DQC2
DQC1
FT
VDD
NC
VSS
DQD1
DQD2
VDDQ
VSS
DQD3
DQD4
DQD5
VSS
VDDQ
VDDQ
VSS
DQB4
DQB3
VSS
VDDQ
DQB2
DQB1
VSS
NC
VDD
ZZ
DQA1
DQA2
VDDQ
VSS
DQA3
DQA4
VSS
VDDQ
64K x 32
Top View
DQB5
NC
DQB7
DQB8
DQB6
DQA6
DQA5
DQA8
DQA7
NC
DQC7
DQC8
DQC6
DQD6
DQD8
DQD7
NC
DQC5
NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Numéro de pièce similaire - GS82032T-6I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032A ETC1-GS82032A Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
GSI Technology
GS82032AGT-100 GSI-GS82032AGT-100 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-100I GSI-GS82032AGT-100I Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-133 GSI-GS82032AGT-133 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
More results

Description similaire - GS82032T-6I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com