Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCU147N Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74HCU147N
Description  10-TO-4 LINE PRIORITY ENCODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCU147N Fiches technique(HTML) 7 Page - NXP Semiconductors

  74HCU147N Datasheet HTML 1Page - NXP Semiconductors 74HCU147N Datasheet HTML 2Page - NXP Semiconductors 74HCU147N Datasheet HTML 3Page - NXP Semiconductors 74HCU147N Datasheet HTML 4Page - NXP Semiconductors 74HCU147N Datasheet HTML 5Page - NXP Semiconductors 74HCU147N Datasheet HTML 6Page - NXP Semiconductors 74HCU147N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
December 1990
7
Philips Semiconductors
Product specification
10-to-4 line priority encoder
74HC/HCT147
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
INPUT
UNIT LOAD COEFFICIENT
A3, A4, A7, A8
1.50
A5, A6, A0, A1, A2
1.10
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
An to Yn
20
35
44
53
ns
4.5
Fig.6
tTHL/ tTLH
output transition
time
7
15
19
22
ns
4.5
Fig.6
Fig.6
Waveforms showing the decimal data inputs (An) to output (Yn) propagation delays and the output
transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Numéro de pièce similaire - 74HCU147N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
74HCU153PW ETC2-74HCU153PW Datasheet
51Kb / 7P
   74HC/HCT153 Dual 4-input multiplexer
More results

Description similaire - 74HCU147N

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
   10-to-4 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
   10-to-4-line Priority Encoder
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
   10-to-4 line priority encoder
2003 Oct 30
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
   10-to-4-line Priority Encoder
logo
STMicroelectronics
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
   10 TO 4 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
   10-to-4 Line Priority Encoder
logo
STMicroelectronics
HCC40147B STMICROELECTRONICS-HCC40147B Datasheet
275Kb / 12P
   10 TO 4 LINE BCD PRIORITY ENCODER
logo
Intersil Corporation
CD40147BMS INTERSIL-CD40147BMS Datasheet
81Kb / 8P
   10 Line to 4 Line BCD Priority Encoder
December 1992
logo
Texas Instruments
CD40147B TI-CD40147B Datasheet
436Kb / 10P
[Old version datasheet]   10-LINE TO 4-LINE BCD PRIORITY ENCODER
logo
Intersil Corporation
ACS147MS INTERSIL-ACS147MS Datasheet
39Kb / 2P
   Radiation Hardened 10-to-4 Line Priority Encoder
July 1999
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com