Moteur de recherche de fiches techniques de composants électroniques |
|
SI-3025LU Fiches technique(PDF) 3 Page - Sanken electric |
|
SI-3025LU Fiches technique(HTML) 3 Page - Sanken electric |
3 / 2 page qSI-3000LU Series sBlock Diagram sStandard External Circuit sReference Data CO : Output capacitor (10 µF or larger) The SI-3000LU series can be operated on the circuit even if a low ESR ceramic capacitor is used as the output capacitor. CIN : Input capacitor (0.1 to 10 µF) This capacitor is required in the case of an inductive input line or long wiring. •Settings for SI-3012LU output voltage (recommended voltage: 1.5 V to 15 V) R1 and R2: Resistors for output setting The output voltage can be set by connecting R1 and R2 as shown in the diagram on the left. R2: 100 k Ω is recommended R1=(VO–VADJ)/(VADJ/R2) • A monolithic IC is mounted.The inner frame stage is connected to the GND pin (pin 2). Therefore, enlarging the copper lami- nate area leading to the GND pin achieves a heat radiation effect. • How to calculate the junction temperature Measure the temperature (TC) of the GND pin (pin 2) lead section using a thermistor, etc. Substitute this value in the following formula and calculate the junction temperature. Tj=PD ×θj–c+Tc (θj–c=5°C/W) SI-3012LU SI-3018LU, SI-3025LU, SI-3033LU, SI-3050LU REF TSD + – VIN VC VO GND 4 3 5 2 Adj 1 REF TSD + – VIN VO GND 4 3 5 2 Adj 1 4 3 2 5 1 + VO VDJ VC VIN CIN CO GND + 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 10 100 1000 Copper Laminate Area (mm2) Ta=25 °C Ta=40 °C Ta=60 °C Ta=85 °C Copper Laminate Area vs Power Dissipation Tj=100 °C PWB size 40×40 SI-3018LU, SI-3025LU, SI-3033LU, SI-3050LU SI-3012LU 4 3 2 5 1 + VIN VIN VC VO CIN CO R1 R2 GND + |
Numéro de pièce similaire - SI-3025LU |
|
Description similaire - SI-3025LU |