Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


A201432WRA9 Datasheet(Fiches technique) 2 Page - Eaton All Rights Reserved.

Numéro de pièce A201432WRA9
Description  Single Row Terminal Blocks
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo 

   
 2 page
background image
For additional product information, visit
www.eaton.com/connectors
Terminal Blocks - Single Row
Series A2000 & LP2000
Single Row Terminal Blocks
Part Numbering System
Series
Terminal Style
Base/End
Poles
Screw Options
nnnn
nnnnnn qq
q
qq
qqqq
A2 - standard barrier 01* - handwired
1 - std. base/mnt. end
02 to 32
Blank - std. screw
LP2 - low profile
02 - printed circuit
2 - std. base/barrier end 02 to 30 on mount
00 - screws shipped bulk
barrier
03 - non feed-thru
3 - insulator base/mnt. end
end base
03* - stainless steel
04 - wire wrap tail
4 - insulator base/
04 - brass nickel-plated
06 - handwired
barrier end
07 - steel SEMS
07 - extended pin
5 - closed base/
(not available
08 - printed circuit
mount end
with hardware options)
09 - 0.250˝ QC short
6 - closed base/
09* - brass SEMS
10 - 0.187˝ QC
molded mount end
nickel-plated
14 - printed circuit
(not available with
19 - 0.250˝ QC long
hardware options)
Options
qqq
AB* - angle mnt. options (pg 11)
A1 to A9 - 0.250˝ QC
B1 to B9 - 0.187˝ QC
DR* - drilled right angle (pg 11)
L1 to L6 marking options (pg 25)
MP* mounting plates (pg 11)
RC* - retaining clips (pg 11)
R30 to R77 - right angle bends (pg 11)
S1* - solder lug/flat
JA***, JB*** & JC*** - barrier jumpers
OJ2*** & OJ4*** - over barrier jumpers
CA** - captive screw
(not available w/covers)
WR - wire ready
(not available on LP2
Covers - (pg 2
6)
series)
0.20
(5.1)
0.062
(1.57)
0.031
(0.79)
0.55
(14.0)
0.062
(1.57)
0.031
(0.79)
01
Handwired
04
Wire Wrap Tail
03
Non Feed-Thru
02
Printed Circuit
0.54
(13.7)
0.055
(1.40)
0.032
(0.81)
0.14
(3.6)
07
Extended Pin
0.11
(2.79)
0.031
(0.79)
0.30
(7.6)
06
Handwired
Terminal Styles
Inches (Millimeters)
0.062
(1.57)
0.17
(4.3)
0.031
(0.79)
0.42
(10.7)
0.187
(4.75)
0.031
(0.79)
0.40
(10.2)
0.250
(6.35)
0.031
(0.79)
08
Printed Circuit
10
0.187˝ QC
09
0.250˝ QC short
0.72
(18.3)
0.31
(7.9)
0.30
(7.62)
0.33
(8.4)
0.250
(6.35)
0.031
(0.79)
19
0.250˝ QC long
0.062
(1.57)
0.031
(0.79)
0.125
(3.2)
14
Printed Circuit
A 2
L P 2
Base/End Note: 6
style not available with
covers. 5 & 6 Styles
only available with 03
terminals.
0.55
(14.0)
0.110
(2.79)
0.031
(0.79)
*A2 only.
**Not compatible with 03-stainless steel screws.
***Contact factory for configuration.
9




Html Pages

1  2  3  4  5  6 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl