Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS18LV20483ADCR70 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce CS18LV20483ADCR70
Description  High Speec Super Low Power SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV20483ADCR70 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS18LV20483ADCR70 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS18LV20483ADCR70 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV20483ADCR70 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV20483ADCR70 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV20483ADCR70 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV20483ADCR70 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV20483ADCR70 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV20483ADCR70 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV20483ADCR70 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
High Speed Super Low Power SRAM
256K-Word By 8 Bit
CS18LV20483
6
Rev. 1.0
Chiplus reserves the right to change product or specification without notice.
DC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC , Vcc = 3.0V )
Parameter
Name
Parameter
Test Conduction
MIN
TYP(1)
MAX Unit
VIL
Guaranteed Input Low
Voltage
(2)
-0.5
0.8
V
VIH
Guaranteed Input High
Voltage
(2)
2.0
Vcc+0.2
V
IIL
Input Leakage Current VCC=MAX, VIN=0 to VCC
-1
1
uA
IOL
Output Leakage
Current
VCC=MAX, /CE=VIN, or
/OE=VIN , VIO=0V to VCC
-1
1
uA
VOL
Output Low Voltage
VCC=MAX, IOL = 2mA
0.4
V
VOH
Output High Voltage
VCC=MIN, IOH = -1mA
2.4
V
ICC
Operating Power
Supply Current
/CE=VIL, IDQ=0mA, F=FMAX
(3)
25
mA
ICCSB
Standby Supply - TTL
/CE=VIH, IDQ=0mA,
1
mA
ICCSB1
Standby Current
-CMOS
/CE≧VCC-0.2V, VIN
VCC-0.2V or VIN≦0.2V
0.5
4
uA
1. Typical characteristics are at TA = 25
oC.
2. These are absolute values with respect to device ground and all overshoots due to system or
tester notice are included.
3. Fmax = 1/tRC.
DATA RETENTION CHARACTERISTICS ( TA = 0 to + 70oC)
Parameter Name
Parameter
Test Conduction
MIN
TYP MAX Unit
VDR
VCC for Data Retention /CE≧VCC-0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
1.5
V
ICCDR
Data Retention Current /CE≧VCC-0.2V, VCC=1.5V
VIN≧VCC-0.2V or VIN≦0.2V
0.3
2
uA
TCDR
Chip Deselect to Data
Retention Time
0
ns
tR
Operation Recovery
Time
See Retention Waveform
tRC (1)
ns
1. Read Cycle Time.


Numéro de pièce similaire - CS18LV20483ADCR70

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-55 ETC1-CS18LV02565AAC-55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-70 ETC1-CS18LV02565AAC-70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR55 ETC1-CS18LV02565AACR55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR70 ETC1-CS18LV02565AACR70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
More results

Description similaire - CS18LV20483ADCR70

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
   High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8016-55BIN ALSC-AS6C8016-55BIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
AS6C1008L ALSC-AS6C1008L Datasheet
1Mb / 15P
   128k x 8 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C4016 ETC2-AS6C4016 Datasheet
631Kb / 12P
   256K X 16 BIT SUPER LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8016-55ZIN ALSC-AS6C8016-55ZIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com