Moteur de recherche de fiches techniques de composants électroniques |
|
A20143009A9 Fiches technique(PDF) 5 Page - Eaton All Rights Reserved. |
|
A20143009A9 Fiches technique(HTML) 5 Page - Eaton All Rights Reserved. |
5 / 6 page For additional product information, visit www.eaton.com/connectors 0.19 (4.8 ) 0.045 (1.14) 0.031 (0.79) 0.18 (4.6) 02 Printed Circuit Series Terminal Style Base/End Poles Screws nnnnnn nnnn q qq qqqq CB2 - closed back 01 - handwired 1 - mount end 02 to 32 07 - steel SEMS 02 - printed circuit 2 - barrier end 02 to 30 on mount standard 07 - extended pin end base 09 - brass SEMS 14 - printed circuit nickel-plated CA - captive screw 07CA - SEMS captive Options qqq AB** - angle mounting brackets (pg 13) A7 to A9 - 0.250” QC B7 to B9 - 0.187” QC EB - exit back terminals EF - exit front terminals L1 to L6 marking options (pg 25) LT1 to LT6 marking options (pg 25) MP mtg. plates (pg 13) S1 - solder lug/flat JA***, JB*** & JC*** - barrier jumpers OJ2*** & OJ4*** - over barrier jumpers Covers - (pg 26) 0.40 (10.2) 0.120 (3.05) 0.031 (0.79) 0.18 (4.6) 07 Steel SEMS zinc-plated (B001-7084-J) 0.125 (3.18) 0.045 (1.14) 0.031 (0.79) 0.18 (4.6) 14 Printed Circuit 0.70 (17.8) 0.062 (1.57) 0.031 (0.79) 0.18 (4.6) 07 Extended Pin Screw Options (Bulk ordering part numbers are in parentheses) Terminal Styles Inches (Millimeters) Series CB2000 Single Row Terminal Blocks Part Numbering System 01 Handwired Exit Rear (std.) EF Exit Front EB Exit Back CB2 Terminal Exit Options Inches (Millimeters) 0.18 (4.6) 0.255 (6.48) 0.18 (4.6) X CB 2 09 Brass SEMS nickel-plated (F524-J) * NOTE: Wire ready screws standard on all terminal styles. **Only available on 3-poles and up. ***Contact factory for configuration.. Terminal Blocks - Single Row 12 |
Numéro de pièce similaire - A20143009A9 |
|
Description similaire - A20143009A9 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |