Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A20433009A9 Fiches technique(PDF) 5 Page - Eaton All Rights Reserved.

No de pièce A20433009A9
Description  Single Row Terminal Blocks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

A20433009A9 Fiches technique(HTML) 5 Page - Eaton All Rights Reserved.

  A20433009A9 Datasheet HTML 1Page - Eaton All Rights Reserved. A20433009A9 Datasheet HTML 2Page - Eaton All Rights Reserved. A20433009A9 Datasheet HTML 3Page - Eaton All Rights Reserved. A20433009A9 Datasheet HTML 4Page - Eaton All Rights Reserved. A20433009A9 Datasheet HTML 5Page - Eaton All Rights Reserved. A20433009A9 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For additional product information, visit
www.eaton.com/connectors
0.19
(4.8 )
0.045
(1.14)
0.031
(0.79)
0.18
(4.6)
02
Printed Circuit
Series
Terminal Style
Base/End
Poles
Screws
nnnnnn nnnn
q
qq
qqqq
CB2 - closed back
01 - handwired
1 - mount end
02 to 32
07 -
steel SEMS
02 - printed circuit
2 - barrier end
02 to 30 on mount
standard
07 - extended pin
end base
09 -
brass SEMS
14 - printed circuit
nickel-plated
CA - captive screw
07CA - SEMS captive
Options
qqq
AB** - angle mounting brackets (pg 13)
A7 to A9 - 0.250” QC
B7 to B9 - 0.187” QC
EB - exit back terminals
EF - exit front terminals
L1 to L6 marking options (pg 25)
LT1 to LT6 marking options (pg 25)
MP mtg. plates (pg 13)
S1 - solder lug/flat
JA***, JB*** & JC*** - barrier jumpers
OJ2*** & OJ4*** - over barrier jumpers
Covers - (pg 26)
0.40
(10.2)
0.120
(3.05)
0.031
(0.79)
0.18
(4.6)
07
Steel SEMS
zinc-plated
(B001-7084-J)
0.125
(3.18)
0.045
(1.14)
0.031
(0.79)
0.18
(4.6)
14
Printed Circuit
0.70
(17.8)
0.062
(1.57)
0.031
(0.79)
0.18
(4.6)
07
Extended Pin
Screw Options (Bulk ordering part numbers are in parentheses)
Terminal Styles
Inches (Millimeters)
Series CB2000
Single Row Terminal Blocks
Part Numbering System
01
Handwired
Exit Rear (std.)
EF Exit Front
EB Exit Back
CB2 Terminal Exit Options
Inches (Millimeters)
0.18
(4.6)
0.255
(6.48)
0.18
(4.6)
X
CB 2
09
Brass SEMS
nickel-plated
(F524-J)
* NOTE: Wire ready screws standard on all terminal styles.
**Only available on 3-poles and up.
***Contact factory for configuration..
Terminal Blocks - Single Row
12


Numéro de pièce similaire - A20433009A9

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
A204 CK-COMPONENTS-A204 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A204 CK-COMPONENTS-A204 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A204 CK-COMPONENTS-A204 Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A204 CK-COMPONENTS-A204 Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A204 CK-COMPONENTS-A204 Datasheet
290Kb / 5P
   Multi-pole and multi-position
More results

Description similaire - A20433009A9

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
A50110507 COOPER-A50110507 Datasheet
938Kb / 23P
   Single Row Terminal Blocks
logo
Eaton All Rights Reserv...
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com