Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A20753204A9 Fiches technique(PDF) 3 Page - Eaton All Rights Reserved.

No de pièce A20753204A9
Description  Single Row Terminal Blocks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

A20753204A9 Fiches technique(HTML) 3 Page - Eaton All Rights Reserved.

  A20753204A9 Datasheet HTML 1Page - Eaton All Rights Reserved. A20753204A9 Datasheet HTML 2Page - Eaton All Rights Reserved. A20753204A9 Datasheet HTML 3Page - Eaton All Rights Reserved. A20753204A9 Datasheet HTML 4Page - Eaton All Rights Reserved. A20753204A9 Datasheet HTML 5Page - Eaton All Rights Reserved. A20753204A9 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For additional product information, visit
www.eaton.com/connectors
Hardware Options (Bulk ordering part numbers are in parentheses)
Inches (Millimeters)
Solder Lugs
Jumpers
Quick Connects
Blade Width A = 0.250” Blade Width B = 0.187”
0.68 (17.3)
0.84 (21.2)
S1
(2S1-J)
A1 & B1
(2A1-J & 2B1-J)
A2 & B2
(2A2-J & 2B2-J)
A3 & B3
(2A3-J & 2B3-J)
A9 & B9
(2A9-J & 2B9-J)
0.33 (8.4)
JB
(JB2-02-J)
A4 & B4
(2A4-J & 2B4-J)
A5 & B5
(2A5-J & 2B5-J)
A6 & B6
(2A6-J & 2B6-J)
A7 & B7
(2A7-J & 2B7-J)
A8 & B8
(2A8-J & 2B8-J)
0.33 (8.4)
JA
(JA2-02-J)
0.33 (8.4)
JC
(JC2-02-J)
WR
Wire Ready
04
Brass
Nickel-Plated
(F506-J)
07
Steel SEMS
(F523-J)
Screw Options (Bulk ordering part numbers are in parentheses)
09
Brass SEMS
Nickel-Plated
(F524-J)
OJ4
(OJ4-J)
OJ2
(OJ2-J)
B
SECTION A–A
0.40
(10.2)
B
0.180 (4.57)
0.218 (5.54)
B
0.150 Ø (3.8)
mounting holes (2)
0.095
(2.4)
SECTION B–B
0.40
(10.2)
B
6
Molded Mount End
1, 3 & 5
Mount End
03
Stainless Steel
(F507-J)
Standard
Zinc-plated Steel
(F505-J)
Base/End Options
Inches (Millimeters)
Series A2000 & LP2000
Single Row Terminal Blocks
Continued
†Contact factory for configuration.
Terminal Blocks - Single Row
Mount End Details
1 - Standard base/mount end
5 - Closed base/mount end
6 - Closed base/molded mount end
2 - Standard base/barrier end
4 - Insulator base/barrier end
FIG 1
FIG 2
FIG 3
FIG 4
FIG 5
FIG 1
FIG 2
FIG 3
FIG 4
3 - Insulator base/mount end
FIG 1
FIG 2
FIG 3
FIG 4
FIG 5
FIG 1
FIG 2
FIG 3
FIG 4
FIG 5
FIG 6
FIG 1
FIG 2
FIG 3
FIG 4
FIG 5
FIG 6
FIG 1
FIG 2
FIG 3
FIG 4
FIG 5
FIG 6
0.30
(7.62)
0.30
(7.62)
10


Numéro de pièce similaire - A20753204A9

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
A2075-E OMRON-A2075-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
More results

Description similaire - A20753204A9

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
A50110507 COOPER-A50110507 Datasheet
938Kb / 23P
   Single Row Terminal Blocks
logo
Eaton All Rights Reserv...
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com