Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A20753204A9 Fiches technique(PDF) 1 Page - Eaton All Rights Reserved.

No de pièce A20753204A9
Description  Single Row Terminal Blocks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

A20753204A9 Fiches technique(HTML) 1 Page - Eaton All Rights Reserved.

  A20753204A9 Datasheet HTML 1Page - Eaton All Rights Reserved. A20753204A9 Datasheet HTML 2Page - Eaton All Rights Reserved. A20753204A9 Datasheet HTML 3Page - Eaton All Rights Reserved. A20753204A9 Datasheet HTML 4Page - Eaton All Rights Reserved. A20753204A9 Datasheet HTML 5Page - Eaton All Rights Reserved. A20753204A9 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For additional product information, visit
www.eaton.com/connectors
C
0.70
(17.8)
0.60
(15.2)
0.02
(0.5)
0.375
(9.53)
Mount End
Barrier End
Mount End
Barrier End
B Pole Centers
A Mount Centers
0.19
(4.8)
Ø
0.32
(8.1)
C
A Mount Centers
0.65
(16.5)
B Pole Centers
0.375
(9.53)
Mount End
Barrier End
Mount End
Barrier End
0.40
(10.2)
0.76 (19.3)
0.565 (14.35)
on LP2000
0.15
(3.8)
Ø
0.02
(0.5)
MOUNTING
BARRIER &
BARRIER
ENDS
MOUNTING
ENDS
ONLY
ENDS
ONLY
A
C
B
C
Poles
Mount Ctrs.
Length
Pole Ctrs.
Length
02
1.13
1.56
0.38
0.81
03
1.50
1.93
0.75
1.18
04
1.88
2.30
1.13
1.56
05
2.25
2.68
1.50
1.93
06
2.63
3.06
1.88
2.31
07
3.00
3.43
2.25
2.68
08
3.38
3.81
2.63
3.06
09
3.75
4.18
3.00
3.43
10
4.13
4.56
3.38
3.81
11
4.50
4.93
3.75
4.18
12
4.88
5.31
4.13
4.56
13
5.25
5.69
4.50
4.93
14
5.63
6.06
4.88
5.31
15
6.00
6.43
5.25
5.68
16
6.38
6.81
5.63
6.06
17
6.75
7.18
6.00
6.43
18
7.13
7.56
6.38
6.81
19
7.50
7.93
6.75
7.18
20
7.88
8.31
7.13
7.56
21
8.25
8.68
7.50
7.93
22
8.63
9.06
7.88
8.31
23
9.00
9.43
8.25
8.68
24
9.38
9.81
8.63
9.06
25
9.75
10.18
9.00
9.43
26
10.13
10.56
9.38
9.81
27
10.50
10.93
9.75
10.18
28
10.88
11.31
10.13
10.55
29
11.25
11.68
10.50
10.93
30
11.63
12.05
10.88
11.31
31
11.25
11.68
32
11.63
12.05
LP2: 30A, 150V*
CB2: 30A, 300V*
Center Spacing: 0.375” or 3/8” (9.52mm)
Wire Range: #12-22 AWG Cu
Screw Size: #6-32 zinc-plated philslot
Torque Rating: 9 lb-in.
Base: Standoffs standard for easy flux washing
Distance Between Barriers: 0.32” (8.1mm)
Recommended PCB Hole Diameter: 0.076” (1.93mm)
Operating Temperature: 105°C (221°F) max., -40°C (-40°F) min.
Molded Material: Black, UL Rated 94V0 Thermoplastic
Breakdown Voltage: 3400V (A2 & LP2); 4100V (CB2).
Agency Information: UL File E62622, CSA File 47235;
IEC Compliance; CE Certified
*30A Rating achieved with a #10 copper wire crimped to a ring terminal.;
20A Rating without ring terminal.
LP202110
A2000 & LP2000 Series
Dimensions - in (mm)
* Dimensions in inches. To convert to millimeters, multiply by 25.4.
A20110807WR
CB2000 Series
CB20210507
Terminal Blocks - Single Row
Series A2000, LP2000 & CB2000
Single Row Terminal Blocks
SPECIFICATIONS
Rating: A2:
30A, 300V*
8


Numéro de pièce similaire - A20753204A9

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
A2075-E OMRON-A2075-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
More results

Description similaire - A20753204A9

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
A50110507 COOPER-A50110507 Datasheet
938Kb / 23P
   Single Row Terminal Blocks
logo
Eaton All Rights Reserv...
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com