Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM68U1000BLRI-10 Fiches technique(PDF) 5 Page - Samsung semiconductor

No de pièce KM68U1000BLRI-10
Description  128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68U1000BLRI-10 Fiches technique(HTML) 5 Page - Samsung semiconductor

  KM68U1000BLRI-10 Datasheet HTML 1Page - Samsung semiconductor KM68U1000BLRI-10 Datasheet HTML 2Page - Samsung semiconductor KM68U1000BLRI-10 Datasheet HTML 3Page - Samsung semiconductor KM68U1000BLRI-10 Datasheet HTML 4Page - Samsung semiconductor KM68U1000BLRI-10 Datasheet HTML 5Page - Samsung semiconductor KM68U1000BLRI-10 Datasheet HTML 6Page - Samsung semiconductor KM68U1000BLRI-10 Datasheet HTML 7Page - Samsung semiconductor KM68U1000BLRI-10 Datasheet HTML 8Page - Samsung semiconductor KM68U1000BLRI-10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
KM68V1000B, KM68U1000B Family
CMOS SRAM
Revision 2.0
March 1998
CL1)
1. Including scope and jig capacitance
AC OPERATING CONDITIONS
TEST CONDITIONS( Test Load and Input/Output Reference)
Input pulse level : 0.4 to 2.2V
Input rising and falling time : 5ns
Input and output reference voltage :1.5V
Output load(see right) : CL=100pF+1TTL
CL=30pF+1TTL
AC CHARACTERISTICS (Commercial product :TA=0 to 70°C, Extended product :TA=-25 to 85°C, Industrial product : TA=-40 to 85°C
KM68V1000B Family:Vcc=3.0~3.6V, KM68U1000B Family:Vcc=2.7~3.3V)
Parameter List
Symbol
Speed Bins
Units
70ns
100ns
Min
Max
Min
Max
Read
Read cycle time
tRC
70
-
100
-
ns
Address access time
tAA
-
70
-
100
ns
Chip select to output
tCO
-
70
-
100
ns
Output enable to valid output
tOE
-
35
-
50
ns
Chip select to low-Z output
tLZ
10
-
10
-
ns
Output enable to low-Z output
tOLZ
5
-
5
-
ns
Chip disable to high-Z output
tHZ
0
25
0
30
ns
Output disable to high-Z output
tOHZ
0
25
0
30
ns
Output hold from address change
tOH
10
-
15
-
ns
Write
Write cycle time
tWC
70
-
100
-
ns
Chip select to end of write
tCW
60
-
80
-
ns
Address set-up time
tAS
0
-
0
-
ns
Address valid to end of write
tAW
60
-
80
-
ns
Write pulse width
tWP
55
-
70
-
ns
Write recovery time
tWR
0
-
0
-
ns
Write to output high-Z
tWHZ
0
25
0
30
ns
Data to write time overlap
tDW
30
-
40
-
ns
Data hold from write time
tDH
0
-
0
-
ns
End write to output low-Z
tOW
5
-
5
-
ns
DATA RETENTION CHARACTERISTICS
1. CS
≥VCC-0.2V, CS2≥VCC-0.2V(CS1 controlled) or CS2≤0.2V(CS2 controlled)
Item
Symbol
Test Condition
Min
Typ
Max
Unit
Vcc for data retention
VDR
CS11)
≥Vcc-0.2V
2.0
-
3.6
V
Data retention current
IDR
KM68V1000BL/L-L
Vcc=3.0V
CS1
≥Vcc-0.2V
CS2
≥Vcc-0.2V
or CS2
≤0.2V
Low Power
Low Low Power
-
-
1
0.5
30
15
µA
KM68V1000BLE/LE-L
KM68V1000BLI/LI-L
Low Power
Low Low Power
-
-
-
-
50
20
KM68U1000BL/L-L
Low Power
Low Low Power
-
-
-
-
25
10
KM68U1000BLE/LE-L
KM68U1000BLI/LI-L
Low Power
Low Low Power
-
-
-
-
25
15
Data retention set-up time
tSDR
See data retention waveform
0
-
-
ms
Recovery time
tRDR
5
-
-


Numéro de pièce similaire - KM68U1000BLRI-10

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM68U1000C SAMSUNG-KM68U1000C Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
More results

Description similaire - KM68U1000BLRI-10

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com