Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A20433204A9 Fiches technique(PDF) 6 Page - Eaton All Rights Reserved.

No de pièce A20433204A9
Description  Single Row Terminal Blocks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

A20433204A9 Fiches technique(HTML) 6 Page - Eaton All Rights Reserved.

  A20433204A9 Datasheet HTML 1Page - Eaton All Rights Reserved. A20433204A9 Datasheet HTML 2Page - Eaton All Rights Reserved. A20433204A9 Datasheet HTML 3Page - Eaton All Rights Reserved. A20433204A9 Datasheet HTML 4Page - Eaton All Rights Reserved. A20433204A9 Datasheet HTML 5Page - Eaton All Rights Reserved. A20433204A9 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For additional product information, visit
www.eaton.com/connectors
Terminal Blocks - Single Row
MOUNTING
PLATE
MP
MT
MT8
Hardware Options (Bulk ordering part numbers are in parentheses)
Inches (Millimeters)
Solder Lugs
Jumpers
Quick Connects
Blade Width A = 0.250”. Blade Width B = 0.187”.
0.68 (17.3)
0.84 (21.2)
S1
(2S1-J)
A9 & B9
(2A9-J & 2B9-J)
0.33 (8.4)
JB
(JB2-XX-J)
A7 & B7
(2A7-J & 2B7-J)
A8 & B8
(2A8-J & 2B8-J)
0.33 (8.4)
JA
(JA2-XX-J)
0.33 (8.4)
JC
(JC2-XX-J)
Mounting Options
Inches (Millimeters)
Snap-in Angle Bracket
Chassis
or PCB
A
A
#6 or #8
mounting
screw & nut
(Customer
supplied.)
0.71
(18.0)
0.45
(11.4)
0.79
(20.1)
1.02
(25.8)
0.24
(6.1)
0.42
(10.7)
Option AB
OJ4
(OJ4-J)
OJ2
(OJ2-J)
Option MP
MP Metal inserts with 0.150” dia. hole accept #6 screw.
Bulk part number 2MP-J.
Mounting Plates
End Positions
usable
Exit Back (EB)
Terminals
Angle
Bracket
Right Angle Mounting Bracket
Mounts blocks on PC boards at a right angle.
• Protects solder joints.
• Recommended for all EB (Exit Back) PCB terminal blocks.
• Bracket snaps securely on block (no hardware required).
• Minimum strip length (end positions are usable).
• Mount with #6-32 or #8-32 screws (not supplied).
Series CB2000
Single Row Terminal Blocks
†Contact factory for configuration..
13


Numéro de pièce similaire - A20433204A9

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
A204 CK-COMPONENTS-A204 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A204 CK-COMPONENTS-A204 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A204 CK-COMPONENTS-A204 Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A204 CK-COMPONENTS-A204 Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A204 CK-COMPONENTS-A204 Datasheet
290Kb / 5P
   Multi-pole and multi-position
More results

Description similaire - A20433204A9

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
A50110507 COOPER-A50110507 Datasheet
938Kb / 23P
   Single Row Terminal Blocks
logo
Eaton All Rights Reserv...
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com