Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


A20740204A9 Datasheet(Fiches technique) 5 Page - Eaton All Rights Reserved.

Numéro de pièce A20740204A9
Description  Single Row Terminal Blocks
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo 

   
 5 page
background image
For additional product information, visit
www.eaton.com/connectors
0.19
(4.8 )
0.045
(1.14)
0.031
(0.79)
0.18
(4.6)
02
Printed Circuit
Series
Terminal Style
Base/End
Poles
Screws
nnnnnn nnnn
q
qq
qqqq
CB2 - closed back
01 - handwired
1 - mount end
02 to 32
07 -
steel SEMS
02 - printed circuit
2 - barrier end
02 to 30 on mount
standard
07 - extended pin
end base
09 -
brass SEMS
14 - printed circuit
nickel-plated
CA - captive screw
07CA - SEMS captive
Options
qqq
AB** - angle mounting brackets (pg 13)
A7 to A9 - 0.250” QC
B7 to B9 - 0.187” QC
EB - exit back terminals
EF - exit front terminals
L1 to L6 marking options (pg 25)
LT1 to LT6 marking options (pg 25)
MP mtg. plates (pg 13)
S1 - solder lug/flat
JA***, JB*** & JC*** - barrier jumpers
OJ2*** & OJ4*** - over barrier jumpers
Covers - (pg 26)
0.40
(10.2)
0.120
(3.05)
0.031
(0.79)
0.18
(4.6)
07
Steel SEMS
zinc-plated
(B001-7084-J)
0.125
(3.18)
0.045
(1.14)
0.031
(0.79)
0.18
(4.6)
14
Printed Circuit
0.70
(17.8)
0.062
(1.57)
0.031
(0.79)
0.18
(4.6)
07
Extended Pin
Screw Options (Bulk ordering part numbers are in parentheses)
Terminal Styles
Inches (Millimeters)
Series CB2000
Single Row Terminal Blocks
Part Numbering System
01
Handwired
Exit Rear (std.)
EF Exit Front
EB Exit Back
CB2 Terminal Exit Options
Inches (Millimeters)
0.18
(4.6)
0.255
(6.48)
0.18
(4.6)
X
CB 2
09
Brass SEMS
nickel-plated
(F524-J)
* NOTE: Wire ready screws standard on all terminal styles.
**Only available on 3-poles and up.
***Contact factory for configuration..
Terminal Blocks - Single Row
12




Html Pages

1  2  3  4  5  6 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl