Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-VE3C Fiches technique(PDF) 50 Page - Nuvoton Technology Corporation

No de pièce NUC100-VE3C
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-VE3C Fiches technique(HTML) 50 Page - Nuvoton Technology Corporation

Back Button NUC100-VE3C Datasheet HTML 46Page - Nuvoton Technology Corporation NUC100-VE3C Datasheet HTML 47Page - Nuvoton Technology Corporation NUC100-VE3C Datasheet HTML 48Page - Nuvoton Technology Corporation NUC100-VE3C Datasheet HTML 49Page - Nuvoton Technology Corporation NUC100-VE3C Datasheet HTML 50Page - Nuvoton Technology Corporation NUC100-VE3C Datasheet HTML 51Page - Nuvoton Technology Corporation NUC100-VE3C Datasheet HTML 52Page - Nuvoton Technology Corporation NUC100-VE3C Datasheet HTML 53Page - Nuvoton Technology Corporation NUC100-VE3C Datasheet HTML 54Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 50 of 107
Rev 1.01
AVDD
VBODL
BODOUT
BODRSTEN
Brown-out
Reset
T1
(< de-glitch time)
T2
(= de-glitch time)
T3
(= de-glitch time)
Hysteresis
VBODH
Figure 6-6 Brown-Out Detector (BOD) Waveform
Watchdog Timer Reset
6.2.2.5
In most industrial applications, system reliability is very important. To automatically recover the
MCU from failure status is one way to improve system reliability. The watchdog timer (WDT) is
widely used to check if the system works fine. If the MCU is crashed or out of control, it may
cause the watchdog time-out. User may decide to enable system reset during watchdog time-out
to recover the system and take action for the system crash/out-of-control after reset.
Software can check if the reset is caused by watchdog time-out to indicate the previous reset is a
watchdog reset and handle the failure of MCU after watchdog time-out reset by checking
RSTS_WDT (RSTSRC[2]).
CPU Reset, CHIP Reset and MCU Reset
6.2.2.6
The CPU Reset means only Cortex
® -M0 core is reset and all other peripherals remain the same
status after CPU reset. User can set the CPU Reset CPU_RST (IPRSTC1[1]) to 1 to assert the
CPU Reset signal.
The CHIP Reset is same with Power-On Reset. The CPU and all peripherals are reset and BS
(ISPCON[1]) bit is automatically reloaded from CONFIG0 setting. User can set the CHIP Reset
CHIP_RST (IPRSTC1[0]) to 1 to assert the CHIP Reset signal.
The MCU Reset is similar with CHIP Reset. The difference is that BS (ISPCON[1]) will not be
reloaded from CONFIG0 setting and keep its original software setting for booting from APROM or
LDROM. User can set the MCU Reset SYSRESETREQ(AIRCR[2]) to 1 to assert the MCU Reset.


Numéro de pièce similaire - NUC100-VE3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-VE3C NUVOTON-NUC100-VE3C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC100-VE3C NUVOTON-NUC100-VE3C Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC100-VE3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com