Moteur de recherche de fiches techniques de composants électroniques |
|
NUC220-RE3C Fiches technique(PDF) 77 Page - Nuvoton Technology Corporation |
|
NUC220-RE3C Fiches technique(HTML) 77 Page - Nuvoton Technology Corporation |
77 / 107 page NUC100/120xxxDN Aug 31, 2015 Page 77 of 107 Rev 1.01 460800 A=1 0x0000_0001 A=1,B=15 A=2,B=11 0x2F00_0001 0x2B00_0002 A=46 0x3000_002E 230400 A=4 0x0000_0004 A=4,B=15 A=6,B=11 0x2F00_0004 0x2B00_0006 A=94 0x3000_005E 115200 A=10 0x0000_000A A=10,B=15 A=14,B=11 0x2F00_000A 0x2B00_000E A=190 0x3000_00BE 57600 A=22 0x0000_0016 A=22,B=15 A=30,B=11 0x2F00_0016 0x2B00_001E A=382 0x3000_017E 38400 A=34 0x0000_0022 A=62,B=8 A=46,B=11 A=34,B=15 0x2800_003E 0x2B00_002E 0x2F00_0022 A=574 0x3000_023E 19200 A=70 0x0000_0046 A=126,B=8 A=94,B=11 A=70,B=15 0x2800_007E 0x2B00_005E 0x2F00_0046 A=1150 0x3000_047E 9600 A=142 0x0000_008E A=254,B=8 A=190,B=11 A=142,B=15 0x2800_00FE 0x2B00_00BE 0x2F00_008E A=2302 0x3000_08FE 4800 A=286 0x0000_011E A=510,B=8 A=382,B=11 A=286,B=15 0x2800_01FE 0x2B00_017E 0x2F00_011E A=4606 0x3000_11FE Table 6-7 UART Baud Rate Setting Table The UART0 and UART1 controllers support the auto-flow control function that uses two low-level signals, /CTS (clear-to-send) and /RTS (request-to-send), to control the flow of data transfer between the chip and external devices (e.g. Modem). When auto-flow is enabled, the UART is not allowed to receive data until the UART asserts /RTS to external device. When the number of bytes in the RX FIFO equals the value of RTS_TRI_LEV (UA_FCR [19:16]), the /RTS is de- asserted. The UART sends data out when UART controller detects /CTS is asserted from external device. If a valid asserted /CTS is not detected the UART controller will not send data out. MCR [RTS] MCR [RTS_ST] UART Mode : MCR[LEV_RTS] = 1 MCR [RTS] MCR [RTS_ST] UART Mode : MCR[LEV_RTS] = 0 Figure 6-16 UART nRTS Auto-Flow Control Trigger Level The UART controllers also provides Serial IrDA (SIR, Serial Infrared) function (User must set IrDA_EN (UA_FUN_SEL [1]) to enable IrDA function). The SIR specification defines a short-range infrared asynchronous serial transmission mode with 1 start bit, 8 data bits, and 1 stop bit. The maximum data rate supports up to 115.2 Kbps (half duplex). The IrDA SIR block contains an IrDA |
Numéro de pièce similaire - NUC220-RE3C |
|
Description similaire - NUC220-RE3C |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |