Moteur de recherche de fiches techniques de composants électroniques |
|
A20140203A9 Fiches technique(PDF) 1 Page - Eaton All Rights Reserved. |
|
A20140203A9 Fiches technique(HTML) 1 Page - Eaton All Rights Reserved. |
1 / 6 page For additional product information, visit www.eaton.com/connectors C 0.70 (17.8) 0.60 (15.2) 0.02 (0.5) 0.375 (9.53) Mount End Barrier End Mount End Barrier End B Pole Centers A Mount Centers 0.19 (4.8) Ø 0.32 (8.1) C A Mount Centers 0.65 (16.5) B Pole Centers 0.375 (9.53) Mount End Barrier End Mount End Barrier End 0.40 (10.2) 0.76 (19.3) 0.565 (14.35) on LP2000 0.15 (3.8) Ø 0.02 (0.5) MOUNTING BARRIER & BARRIER ENDS MOUNTING ENDS ONLY ENDS ONLY A C B C Poles Mount Ctrs. Length Pole Ctrs. Length 02 1.13 1.56 0.38 0.81 03 1.50 1.93 0.75 1.18 04 1.88 2.30 1.13 1.56 05 2.25 2.68 1.50 1.93 06 2.63 3.06 1.88 2.31 07 3.00 3.43 2.25 2.68 08 3.38 3.81 2.63 3.06 09 3.75 4.18 3.00 3.43 10 4.13 4.56 3.38 3.81 11 4.50 4.93 3.75 4.18 12 4.88 5.31 4.13 4.56 13 5.25 5.69 4.50 4.93 14 5.63 6.06 4.88 5.31 15 6.00 6.43 5.25 5.68 16 6.38 6.81 5.63 6.06 17 6.75 7.18 6.00 6.43 18 7.13 7.56 6.38 6.81 19 7.50 7.93 6.75 7.18 20 7.88 8.31 7.13 7.56 21 8.25 8.68 7.50 7.93 22 8.63 9.06 7.88 8.31 23 9.00 9.43 8.25 8.68 24 9.38 9.81 8.63 9.06 25 9.75 10.18 9.00 9.43 26 10.13 10.56 9.38 9.81 27 10.50 10.93 9.75 10.18 28 10.88 11.31 10.13 10.55 29 11.25 11.68 10.50 10.93 30 11.63 12.05 10.88 11.31 31 – – 11.25 11.68 32 – – 11.63 12.05 LP2: 30A, 150V* CB2: 30A, 300V* Center Spacing: 0.375” or 3/8” (9.52mm) Wire Range: #12-22 AWG Cu Screw Size: #6-32 zinc-plated philslot Torque Rating: 9 lb-in. Base: Standoffs standard for easy flux washing Distance Between Barriers: 0.32” (8.1mm) Recommended PCB Hole Diameter: 0.076” (1.93mm) Operating Temperature: 105°C (221°F) max., -40°C (-40°F) min. Molded Material: Black, UL Rated 94V0 Thermoplastic Breakdown Voltage: 3400V (A2 & LP2); 4100V (CB2). Agency Information: UL File E62622, CSA File 47235; IEC Compliance; CE Certified *30A Rating achieved with a #10 copper wire crimped to a ring terminal.; 20A Rating without ring terminal. LP202110 A2000 & LP2000 Series Dimensions - in (mm) * Dimensions in inches. To convert to millimeters, multiply by 25.4. A20110807WR CB2000 Series CB20210507 Terminal Blocks - Single Row Series A2000, LP2000 & CB2000 Single Row Terminal Blocks SPECIFICATIONS Rating: A2: 30A, 300V* 8 |
Numéro de pièce similaire - A20140203A9 |
|
Description similaire - A20140203A9 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |